Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NACKA471M50V16X17TR13F Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NACKA471M50V16X17TR13F
Description  Surface Mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NACKA471M50V16X17TR13F Datasheet(HTML) 1 Page - NIC-Components Corp.

  NACKA471M50V16X17TR13F Datasheet HTML 1Page - NIC-Components Corp. NACKA471M50V16X17TR13F Datasheet HTML 2Page - NIC-Components Corp. NACKA471M50V16X17TR13F Datasheet HTML 3Page - NIC-Components Corp. NACKA471M50V16X17TR13F Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
63
NIC COMPONENTS CORP. www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
Surface Mount Aluminum Electrolytic Capacitors NACKA Series
FEATURES
• CYLINDRICAL V-CHIP CONSTRUCTION FOR SURFACE MOUNTING
• LOW IMPEDANCE AND WIDE TEMPERATURE
• LONG LIFE (5,000 HOURS @ 105OC)
• AVAILABLE WITH ANTI-VIBRATION WIDE TERMINATIONS
• DESIGNED FOR AUTOMATIC MOUNTING AND REFLOW SOLDERING
CHARACTERISTICS
Rated Voltage Range
6.3 ~ 100Vdc
Rated Capactance Range
47 ~ 6,800
μF
Operating Temperature Range
-55°C ~ +105°C
Capacitance Tolerance
±20%(M)
Maximum Leakage Current
after 2 minutes @ 20°C
0.01CV whichever is greater
Maximum Tan
δ @ 120Hz/20°C
W.V. (Vdc)
6.3
10
16
25
35
50
63
80
100
S.V. (Vdc)
8.0
13
20
32
44
63
79
100
125
All Case Sizes
C
≤ 1,000μF
0.26
0.19
0.16
0.14
0.12
0.12
0.10
0.08
0.07
C = 1,500
μF
-
-
0.16
0.16
0.12
-
-
-
-
C = 2,200
μF
-
0.21
-
0.16
-
-
-
-
-
C = 3,300
μF
0.30
-
0.20
0.18
-
-
-
-
-
C = 4,700
μF
-
0.25
0.22
-
-
-
-
-
-
C = 6,800
μF
0.36
0.29
-
-
-
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z -25°C/Z +20°C
2
2
2
2
2
2
2
2
2
Z -40°C/Z +20°C
3
3
3
3
3
3
3
3
3
Z -55°C/Z +20°C
4
4
4
3
3
3
3
3
3
Load Life Test @ 105°C
5,000 Hours
Capacitance Change
Within ±30% of initial measured value
Tan
δ
Less than 200% of specified value
Leakage Current
Less than specified maximum value
Shelf Life Test @ 105°C
1,000 Hours
Capacitance Change
Within ±30% of initial measured value
Tan
δ
Less than 200% of specified value
Leakage Current
Less than specified maximum value
Resistance to Soldering Heat
Within Recommended
Reflow Conditions
Capacitance Change
Within ±10% of initial measured value
Tan
δ
Less than specified maximum value
Leakage Current
Less than specified maximum value
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
NACK rev. 1 05212007
STANDARD PRODUCT AND CASE SIZE D
φ xL (mm)
Cap (
μF)
Code
Working Voltage (Vdc)
6.3
10
16
25
35
50
63
80
100
47
470
-
-
-
-
-
-
-
-
12.5x14
68
680
-
-
-
-
-
-
-
12.5x14
12.5x14
100
101
-
-
-
-
-
-
-
12.5x14
16x17
150
151
-
-
-
-
-
-
12.5x14
12.5x14
16x17
220
221
-
-
-
-
-
-
12.5x14
-
18x17
330
331
-
-
-
-
-
12.5x14
-
16x17
18x17
390
391
-
-
-
-
-
12.5x14
-
-
-
470
471
-
-
-
-
12.5x14
16x17
16x17
18x17
-
560
561
-
-
-
-
-
16x17
-
-
-
680
681
-
-
-
-
12.5x14
16x17
18x17
-
-
1000
102
-
-
-
12.5x14
16x17
16x17
-
-
-
1500
152
-
-
12.5x14
16x17
16x17
-
-
-
-
2200
222
-
12.5x14
-
16x17
-
-
-
-
-
3300
332
12.5x14
-
16x17
18x17
-
-
-
-
-
4700
472
-
16x17
18x17
-
-
-
-
-
-
6800
682
16x17
18x17
-
-
-
-
-
-
-
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials


Similar Part No. - NACKA471M50V16X17TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NACKA471M50V16X17TR13F NIC-NACKA471M50V16X17TR13F Datasheet
71Kb / 4P
   Surface Mount Aluminum Electrolytic Capacitors
More results

Similar Description - NACKA471M50V16X17TR13F

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com