Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3695 Datasheet(PDF) 5 Page - Texas Instruments

Part # OPA3695
Description  Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA3695 Datasheet(HTML) 5 Page - Texas Instruments

  OPA3695_14 Datasheet HTML 1Page - Texas Instruments OPA3695_14 Datasheet HTML 2Page - Texas Instruments OPA3695_14 Datasheet HTML 3Page - Texas Instruments OPA3695_14 Datasheet HTML 4Page - Texas Instruments OPA3695_14 Datasheet HTML 5Page - Texas Instruments OPA3695_14 Datasheet HTML 6Page - Texas Instruments OPA3695_14 Datasheet HTML 7Page - Texas Instruments OPA3695_14 Datasheet HTML 8Page - Texas Instruments OPA3695_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
ELECTRICAL CHARACTERISTICS: VS = +5V
OPA3695
www.ti.com ............................................................................................................................................... SBOS355A – APRIL 2008 – REVISED SEPTEMBER 2008
Boldface limits are tested at +25°C.
At RF = 348Ω, RL = 100Ω to 2.5V, and G = +8, unless otherwise noted.
OPA3695
TYP
MIN/MAX OVER TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C
(2)
70°C
(3)
+85°C
(3)
UNITS
MAX
LEVEL
(1)
AC PERFORMANCE (see Figure 3)
Small-signal bandwidth (VO = 0.5VPP)
G = +1, RF = 750Ω
850
MHz
typ
C
G = +2, RF = 487Ω
725
MHz
typ
C
G = +8, RF = 348Ω
395
380
MHz
typ
B
G = +16, RF = 162Ω
275
MHz
typ
C
Bandwidth for 0.2dB gain flatness
G = +2, VO < 0.5VPP, RF = 487Ω
230
180
MHz
min
B
Peaking at a gain of +1
RF = 511Ω, VO < 0.5VPP
1.0
2.0
dB
max
B
Large-signal bandwidth
G = +2, VO = 2VPP
440
MHz
typ
C
G = +8, VO = 2VPP
330
MHz
typ
C
Slew rate
G = +2, VO = 2V step
1700
V/
µs
typ
C
G = +8, VO = 2V step
1700
1300
V/
µs
min
B
Rise-and-fall time
G = +2, VO = 2V step
1.0
ns
typ
C
G = +8, VO = 0.5V step
1.0
ns
typ
C
G = +8, VO = 2V step
1.0
ns
typ
C
Settling time to 0.02%
G = +8, VO = 2V step
16
ns
typ
C
Settling time to 0.1%
G = +8, VO = 2V step
10
ns
typ
C
Harmonic distortion
G = +8, f = 10MHz, VO = 2VPP
2nd harmonic
RL = 100Ω to 2.5V
–62
–58
dBc
max
B
RL ≥ 500Ω to 2.5V
–70
–66
dBc
max
B
3rd harmonic
RL = 100Ω to 2.5V
–66
–64
dBc
max
B
RL ≥ 500Ω to 2.5V
–65
–63
dBc
max
B
2nd harmonic
G = +2, f = 10MHz, RL = 100Ω
–68
dBc
typ
C
3rd harmonic
G = +2, f = 10MHz, RL = 100Ω
–68
dBc
typ
C
Input voltage noise
f > 1MHz
1.8
2
nV/
√Hz
max
B
Noninverting input current noise
f > 1MHz
18
19
pA/
√Hz
max
B
Inverting input current noise
f > 1MHz
22
24
pA/
√Hz
max
B
DC PERFORMANCE
(4)
Open-loop transimpedance gain (ZOL)
VO = 2.5V, RL = 100Ω to 2.5V
70
40
38
36
k
min
A
Input offset voltage
VCM = 2.5V
±0.3
±3.5
±4.0
±4.5
mV
max
A
Average offset voltage drift
VCM = 2.5V
±10
±15
µV/°C
max
B
Noninverting input bias current
VCM = 2.5V
±5
±40
±45
±50
µA
max
A
Average noninverting input bias current drift
VCM = 2.5V
±110
±170
nA/°C
max
B
Inverting input bias current
VCM = 2.5V
±5
±60
±70
±75
µA
max
A
Average inverting input bias current drift
VCM = 2.5V
±120
±160
nA/°C
max
B
INPUT
Least positive input voltage
(5)
1.7
1.8
1.9
1.9
V
max
A
Most positive input voltage
(5)
3.3
3.2
3.1
3.1
V
min
A
Common-mode rejection ratio (CMRR)
VCM = 2.5V
54
51
50
50
dB
min
A
Noninverting input impedance
280 || 1.2
k
Ω || pF
typ
C
Inverting input resistance (RI)
Open-loop
37
typ
C
(1)
Test levels: (A) 100% tested at +25°C. Over temperature limits set by characterization and simulation. (B) Limits set by characterization
and simulation. (C) Typical value only for information.
(2)
Junction temperature = ambient for +25°C specifications.
(3)
Junction temperature = ambient at low temperature limits; junction temperature = ambient +21°C at high temperature limit for over
temperature specifications.
(4)
Current is considered positive out of pin.
(5)
Tested < 3dB below minimum specified CMRR at ±CMIR limits.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): OPA3695


Similar Part No. - OPA3695_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3695 BURR-BROWN-OPA3695 Datasheet
382Kb / 24P
   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA3695 BURR-BROWN-OPA3695 Datasheet
942Kb / 29P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
OPA3695 BURR-BROWN-OPA3695 Datasheet
945Kb / 31P
   Triple, Ultra-Wideband, Fixed-Gain, VIDEO BUFFER with Disable
More results

Similar Description - OPA3695_14

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA3691 BURR-BROWN-OPA3691 Datasheet
438Kb / 25P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
OPA695 TI1-OPA695 Datasheet
965Kb / 48P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
OPA695 TI-OPA695 Datasheet
570Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA2695 TI-OPA2695 Datasheet
1Mb / 40P
[Old version datasheet]   Dual, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com