Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV852MMNOPB Datasheet(PDF) 11 Page - Texas Instruments

Part # LMV852MMNOPB
Description  LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV852MMNOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV852MMNOPB Datasheet HTML 7Page - Texas Instruments LMV852MMNOPB Datasheet HTML 8Page - Texas Instruments LMV852MMNOPB Datasheet HTML 9Page - Texas Instruments LMV852MMNOPB Datasheet HTML 10Page - Texas Instruments LMV852MMNOPB Datasheet HTML 11Page - Texas Instruments LMV852MMNOPB Datasheet HTML 12Page - Texas Instruments LMV852MMNOPB Datasheet HTML 13Page - Texas Instruments LMV852MMNOPB Datasheet HTML 14Page - Texas Instruments LMV852MMNOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
400 ns/DIV
f = 250 kHz
AV = +1
VIN = 1 VPP
400 ns/DIV
f = 250 kHz
AV = +10
VIN = 100 mVPP
FREQUENCY (Hz)
100
80
60
40
20
100
1k
10k
100k
1M
10M
VS = 3.3V, 5.0V
AC CMRR
DC CMRR
FREQUENCY (Hz)
140
120
100
80
60
1k
10k
100k
1M
10M
VS = 3.3V, 5.0V
CLOAD (pF)
70
60
50
40
30
20
10
0
1
10
100
1000
3.3V
5.0V
FREQUENCY (Hz)
120
100
80
60
40
20
0
100
1k
10k
100k
1M
10M
3.3V
5.0V
5.0V
3.3V
+PSRR
-PSRR
LMV851, LMV852, LMV854
www.ti.com
SNOSAW1 – OCTOBER 2007
Typical Performance Characteristics (continued)
At TA = 25°C, RL = 10 kΩ, VS = 3.3V, unless otherwise specified.
Phase Margin
PSRR
vs.
vs.
Capacitive Load
Frequency
CMRR
Channel Separation
vs.
vs.
Frequency
Frequency
Large Signal Step Response with Gain = 1
Large Signal Step Response with Gain = 10
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV851 LMV852 LMV854


Similar Part No. - LMV852MMNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV852MM NSC-LMV852MM Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV852MM/NOPB TI1-LMV852MM/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV852MME/NOPB TI1-LMV852MME/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV852MMX NSC-LMV852MMX Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV852MMX/NOPB TI1-LMV852MMX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results

Similar Description - LMV852MMNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV851 TI-LMV851_15 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI1-LMV851 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV861 TI-LMV861_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861_13 Datasheet
789Kb / 26P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
STMicroelectronics
TSV711 STMICROELECTRONICS-TSV711 Datasheet
1Mb / 29P
   EMI hardened operational amplifiers
March 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com