Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV861MGNOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV861MGNOPB
Description  LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV861MGNOPB Datasheet(HTML) 3 Page - Texas Instruments

  LMV861MGNOPB Datasheet HTML 1Page - Texas Instruments LMV861MGNOPB Datasheet HTML 2Page - Texas Instruments LMV861MGNOPB Datasheet HTML 3Page - Texas Instruments LMV861MGNOPB Datasheet HTML 4Page - Texas Instruments LMV861MGNOPB Datasheet HTML 5Page - Texas Instruments LMV861MGNOPB Datasheet HTML 6Page - Texas Instruments LMV861MGNOPB Datasheet HTML 7Page - Texas Instruments LMV861MGNOPB Datasheet HTML 8Page - Texas Instruments LMV861MGNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LMV861, LMV862
www.ti.com
SNOSAZ5A – FEBRUARY 2008 – REVISED JULY 2008
3.3V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are guaranteed for TA = 25°C, V
+ = 3.3V, V= 0V, V
CM = V
+/2, and R
L =10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
CMRR
Common-Mode Rejection Ratio(4)
0.2V
≤ VCM ≤ V
+ - 1.2V
77
93
dB
75
PSRR
Power Supply Rejection Ratio(4)
2.7V
≤ V+ ≤ 5.5V,
77
93
dB
VOUT = 1V
76
EMIRR
EMI Rejection Ratio, IN+ and IN
VRF_PEAK = 100 mVP (−20 dBVP),
70
(6)
f = 400 MHz
VRF_PEAK = 100 mVP (−20 dBVP),
80
f = 900 MHz
dB
VRF_PEAK = 100 mVP (−20 dBVP),
105
f = 1800 MHz
VRF_PEAK = 100 mVP (−20 dBVP),
110
f = 2400 MHz
CMVR
Input Common-Mode Voltage Range
CMRR
≥ 65 dB
−0.1
2.1
V
AVOL
Large Signal Voltage Gain(7)
RL = 2 kΩ
100
110
VOUT = 0.15V to 1.65V,
97
VOUT = 3.15V to 1.65V
dB
RL = 10 kΩ
100
113
VOUT = 0.1V to 1.65V,
98
VOUT = 3.2V to 1.65V
VOUT
Output Voltage Swing High
LMV861,
12
14
RL = 2 kΩ to V
+/2
18
LMV862,
12
16
RL = 2 kΩ to V
+/2
19
LMV861,
3
4
RL = 10 kΩ to V
+/2
5
LMV862,
3
6
RL = 10 kΩ to V
+/2
7
mV from
either rail
Output Voltage Swing Low
LMV861,
8
12
RL = 2 kΩ to V
+/2
16
LMV862,
10
14
RL = 2 kΩ to V
+/2
17
LMV861,
2
4
RL = 10 kΩ to V
+/2
5
LMV862,
3
7
RL = 10 kΩ to V
+/2
8
IOUT
Output Short Circuit Current
Sourcing, VOUT = VCM,
61
70
VIN = 100 mV
52
mA
Sinking, VOUT = VCM,
72
86
VIN = −100 mV
58
IS
Supply Current
LMV861
2.25
2.59
3.00
mA
LMV862
4.42
5.02
5.77
SR
Slew Rate(8)
AV = +1, VOUT = 1 VPP,
18
V/
μs
10% to 90%
GBW
Gain Bandwidth Product
30
MHz
Φm
Phase Margin
70
deg
en
Input Referred Voltage Noise Density
f = 1 kHz
8
nV/
√Hz
f = 100 kHz
5
in
Input Referred Current Noise Density
f = 1 kHz
0.015
pA/
√Hz
(6)
The EMI Rejection Ratio is defined as EMIRR = 20log ( VRF_PEAK/ΔVOS).
(7)
The specified limits represent the lower of the measured values for each output range condition.
(8)
Number specified is the slower of positive and negative slew rates.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LMV861 LMV862


Similar Part No. - LMV861MGNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV861MG NSC-LMV861MG Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV861MG/NOPB TI1-LMV861MG/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861MGE/NOPB TI1-LMV861MGE/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV861MGX NSC-LMV861MGX Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV861MGX/NOPB TI1-LMV861MGX/NOPB Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results

Similar Description - LMV861MGNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV861 TI-LMV861_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV851 TI-LMV851_15 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI1-LMV851 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI1-LMV851_14 Datasheet
1Mb / 30P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
STMicroelectronics
TSV711 STMICROELECTRONICS-TSV711 Datasheet
1Mb / 29P
   EMI hardened operational amplifiers
March 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com