Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV851MGNOPB Datasheet(PDF) 6 Page - Texas Instruments

Part # LMV851MGNOPB
Description  LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV851MGNOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV851MGNOPB Datasheet HTML 2Page - Texas Instruments LMV851MGNOPB Datasheet HTML 3Page - Texas Instruments LMV851MGNOPB Datasheet HTML 4Page - Texas Instruments LMV851MGNOPB Datasheet HTML 5Page - Texas Instruments LMV851MGNOPB Datasheet HTML 6Page - Texas Instruments LMV851MGNOPB Datasheet HTML 7Page - Texas Instruments LMV851MGNOPB Datasheet HTML 8Page - Texas Instruments LMV851MGNOPB Datasheet HTML 9Page - Texas Instruments LMV851MGNOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LMV851, LMV852, LMV854
SNOSAW1 – OCTOBER 2007
www.ti.com
5V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits are guaranteed for TA = 25°C, V
+ = 5V, V= 0V, V
CM = V
+/2, and R
L = 10 kΩ to V
+/2.
Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(2)
(3)
(2)
IS
Supply Current
LMV851
0.43
0.52
0.60
LMV852
0.82
0.93
mA
1.09
LMV854
1.59
1.73
2.05
SR
Slew Rate (8)
AV = +1, VOUT = 2 VPP, 10% to 90%
4.5
V/
μs
GBW
Gain Bandwidth Product
8
MHz
Φm
Phase Margin
64
deg
en
Input-Referred Voltage Noise
f = 1 kHz
11
nV/
f = 10 kHz
10
in
Input-Referred Current Noise
f = 1 kHz
0.005
pA/
ROUT
Closed Loop Output Impedance
f = 6 MHz
400
CIN
Common-Mode Input Capacitance
11
pF
Differential-Mode Input Capacitance
6
THD+N
Total Harmonic Distortion + Noise
f = 1 kHz, AV = 1, BW = >500 kHz
0.003
%
(8)
Number specified is the slower of positive and negative slew rates.
Connection Diagram
Figure 2. 5-Pin SC70 (Top View)
Figure 3. 8-Pin MSOP (Top View)
Figure 4. 14-Pin TSSOP (Top View)
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LMV851 LMV852 LMV854


Similar Part No. - LMV851MGNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV851MG NSC-LMV851MG Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV851MG/NOPB TI1-LMV851MG/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851MGE/NOPB TI1-LMV851MGE/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV851MGX NSC-LMV851MGX Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV851MGX/NOPB TI1-LMV851MGX/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results

Similar Description - LMV851MGNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV851 TI-LMV851_15 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI1-LMV851 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV861 TI-LMV861_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861_13 Datasheet
789Kb / 26P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
STMicroelectronics
TSV711 STMICROELECTRONICS-TSV711 Datasheet
1Mb / 29P
   EMI hardened operational amplifiers
March 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com