Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV831MGNOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMV831MGNOPB
Description  LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMV831MGNOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV831MGNOPB Datasheet HTML 6Page - Texas Instruments LMV831MGNOPB Datasheet HTML 7Page - Texas Instruments LMV831MGNOPB Datasheet HTML 8Page - Texas Instruments LMV831MGNOPB Datasheet HTML 9Page - Texas Instruments LMV831MGNOPB Datasheet HTML 10Page - Texas Instruments LMV831MGNOPB Datasheet HTML 11Page - Texas Instruments LMV831MGNOPB Datasheet HTML 12Page - Texas Instruments LMV831MGNOPB Datasheet HTML 13Page - Texas Instruments LMV831MGNOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
FREQUENCY (Hz)
60
50
40
30
20
10
0
10k
100k
1M
10M
-40°C
GAIN
PHASE
CL = 5 pF
25°C, 85°C, 125°C
100
80
60
40
20
0
-20
-40°C
25°C
85°C
125°C
FREQUENCY (Hz)
60
50
40
30
20
10
0
10k
100k
1M
10M
PHASE
GAIN
5 pF
100 pF
5 pF
100 pF
100
80
60
40
20
0
-20
20 pF
50 pF
CL = 5 pF
20 pF
50 pF
100 pF
ILOAD (mA)
2.0
1.6
1.2
0.8
0.4
0
-0.4
-0.8
-1.2
-1.6
-2.0
0
5
10
15
20
25
30
35
40
-40°C
SOURCE
125°C
SOURCE
-40°C
125°C
SINK
V
+
= 3.3V
ILOAD (mA)
2.0
1.6
1.2
0.8
0.4
0
-0.4
-0.8
-1.2
-1.6
-2.0
0
10
20
30
40
50
60
70
80
-40°C
125°C
V
+
= 5.0V
SOURCE
-40°C
125°C
SINK
SUPPLY VOLTAGE (V)
60
50
40
30
20
10
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
85°C
125°C
RL = 2k
SUPPLY VOLTAGE (V)
12
10
8
6
4
2
0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40°C
25°C
85°C
125°C
RL = 10k
LMV831, LMV832, LMV834
SNOSAZ6A – AUGUST 2008 – REVISED OCTOBER 2008
www.ti.com
Typical Performance Characteristics (continued)
At TA = 25°C, RL = 10 kΩ, V
+ = 3.3V, V= 0V, Unless otherwise specified.
Output Swing Low vs. Supply Voltage RL = 2 kΩ
Output Swing Low vs. Supply Voltage RL = 10 kΩ
Figure 23.
Figure 24.
Output Voltage Swing vs. Load Current at V+ = 3.3V
Output Voltage Swing vs. Load Current at V+ = 5.0V
Figure 25.
Figure 26.
Open Loop Frequency Response vs. Temperature
Open Loop Frequency Response vs. Load Conditions
Figure 27.
Figure 28.
10
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Links: LMV831 LMV832 LMV834


Similar Part No. - LMV831MGNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV831MG NSC-LMV831MG Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831MG NSC-LMV831MG Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV831MG TI-LMV831MG Datasheet
1Mb / 27P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831MG TI1-LMV831MG Datasheet
1Mb / 37P
[Old version datasheet]   Operational Amplifiers
LMV831MG/NOPB TI1-LMV831MG/NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Operational Amplifiers
More results

Similar Description - LMV831MGNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMV834MTX TI-LMV834MTX Datasheet
1Mb / 27P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 TI-LMV831_15 Datasheet
1Mb / 28P
[Old version datasheet]   LMV831 Single/ LMV832 Dual/ LMV834 Quad 3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
National Semiconductor ...
LMV831_0810 NSC-LMV831_0810 Datasheet
1Mb / 20P
   3.3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV831 NSC-LMV831 Datasheet
1Mb / 20P
   3 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 NSC-LMV861 Datasheet
1Mb / 20P
   30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 NSC-LMV851 Datasheet
1Mb / 22P
   8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
logo
Texas Instruments
LMV861 TI-LMV861_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861 Datasheet
1Mb / 30P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV861 TI1-LMV861_13 Datasheet
789Kb / 26P
[Old version datasheet]   LMV861/LMV862 30 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
LMV851 TI-LMV851_15 Datasheet
1Mb / 32P
[Old version datasheet]   LMV851/LMV852/LMV854 8 MHz Low Power CMOS, EMI Hardened Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com