Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8640HV Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8640HV
Description  Precision High Voltage Current Sense Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8640HV Datasheet(HTML) 1 Page - Texas Instruments

  LMP8640HV Datasheet HTML 1Page - Texas Instruments LMP8640HV Datasheet HTML 2Page - Texas Instruments LMP8640HV Datasheet HTML 3Page - Texas Instruments LMP8640HV Datasheet HTML 4Page - Texas Instruments LMP8640HV Datasheet HTML 5Page - Texas Instruments LMP8640HV Datasheet HTML 6Page - Texas Instruments LMP8640HV Datasheet HTML 7Page - Texas Instruments LMP8640HV Datasheet HTML 8Page - Texas Instruments LMP8640HV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LMP8640
LMP8640HV
www.ti.com
SNOSB28D – AUGUST 2010 – REVISED NOVEMBER 2011
Precision High Voltage Current Sense Amplifier
Check for Samples: LMP8640, LMP8640HV
1
FEATURES
2
Typical Values, TA = 25°C
Temperature Range: -40°C to 125°C
High Common-Mode Voltage Range
6-Pin SOT Package
LMP8640: -2V to 42V
APPLICATIONS
LMP8640HV: -2V to 76V
High-Side Current Sense
Supply Voltage Range: 2.7V to 12V
Vehicle Current Measurement
Gain Options: 20V/V; 50V/V; 100V/V
Motor Controls
Max Gain Error: 0.25%
Battery Monitoring
Low Offset Voltage: 900µV
Remote Sensing
Input Bias Current: 13 µA
Power Management
PSRR: 85 dB
CMRR (2.1V to 42V): 103 dB
DESCRIPTION
The LMP8640 and the LMP8640HV are precision current sense amplifiers that detect small differential voltages
across a sense resistor in the presence of high input common mode voltages with a supply voltage range from
2.7V to 12V.
The LMP8640 accepts input signals with common mode voltage range from -2V to 42V, while the LMP8640HV
accepts input signal with common mode voltage range from -2V to 76V. The LMP8640 and LMP8640HV have
fixed gain for applications that demand accuracy over temperature. The LMP8640 and LMP8640HV come out
with three different fixed gains 20V/V, 50V/V, 100V/V ensuring a gain accuracy as low as 0.25%. The output is
buffered in order to provide low output impedance. This high side current sense amplifier is ideal for sensing and
monitoring currents in DC or battery powered systems, excellent AC and DC specifications over temperature,
and keeps errors in the current sense loop to a minimum. The LMP8640 and LMP8640HV are ideal choice for
industrial, automotive and consumer applications, and it is available in SOT-6 package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMP8640HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640HV NSC-LMP8640HV Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 32P
[Old version datasheet]   Precision High Voltage Current Sense Amplifiers
logo
National Semiconductor ...
LMP8640HVMK-F NSC-LMP8640HVMK-F Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640HVMK-F TI1-LMP8640HVMK-F Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
More results

Similar Description - LMP8640HV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MK-T TI1-LMP8640MK-T Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
logo
Texas Instruments
LMP8645 TI-LMP8645_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
   Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com