Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6644D Datasheet(PDF) 6 Page - Texas Instruments

Part # PT6644D
Description  24W 12V Input Positive to Negative Voltage Converter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6644D Datasheet(HTML) 6 Page - Texas Instruments

  PT6644D Datasheet HTML 1Page - Texas Instruments PT6644D Datasheet HTML 2Page - Texas Instruments PT6644D Datasheet HTML 3Page - Texas Instruments PT6644D Datasheet HTML 4Page - Texas Instruments PT6644D Datasheet HTML 5Page - Texas Instruments PT6644D Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IMPORTANT NOTICE
Texas Instruments and its subsidiaries (TI) reserve the right to make changes to their products or to discontinue
any product or service without notice, and advise customers to obtain the latest version of relevant information
to verify, before placing orders, that information being relied on is current and complete. All products are sold
subject to the terms and conditions of sale supplied at the time of order acknowledgment, including those
pertaining to warranty, patent infringement, and limitation of liability.
TI warrants performance of its semiconductor products to the specifications applicable at the time of sale in
accordance with TI’s standard warranty. Testing and other quality control techniques are utilized to the extent
TI deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily
performed, except those mandated by government requirements.
Customers are responsible for their applications using TI components.
In order to minimize risks associated with the customer’s applications, adequate design and operating
safeguards must be provided by the customer to minimize inherent or procedural hazards.
TI assumes no liability for applications assistance or customer product design. TI does not warrant or represent
that any license, either express or implied, is granted under any patent right, copyright, mask work right, or other
intellectual property right of TI covering or relating to any combination, machine, or process in which such
semiconductor products or services might be or are used. TI’s publication of information regarding any third
party’s products or services does not constitute TI’s approval, warranty or endorsement thereof.
Copyright
© 2000, Texas Instruments Incorporated


Similar Part No. - PT6644D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6644 TI-PT6644 Datasheet
126Kb / 6P
[Old version datasheet]   24W 12V Input Positive to Negative Voltage Converter
More results

Similar Description - PT6644D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6644 TI-PT6644 Datasheet
126Kb / 6P
[Old version datasheet]   24W 12V Input Positive to Negative Voltage Converter
logo
TOKO, Inc
TK11835 TOKO-TK11835 Datasheet
13Kb / 1P
   POSITIVE TO NEGATIVE DC-DC CONVERTER
TK11830 TOKO-TK11830 Datasheet
85Kb / 13P
   POSITIVE-TO-NEGATIVE DC-DC CONVERTER
logo
STMicroelectronics
AN2837 STMICROELECTRONICS-AN2837 Datasheet
543Kb / 12P
   Positive to negative buck-boost converter
logo
Texas Instruments
PTN78020A TI-PTN78020A Datasheet
1Mb / 19P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060A TI-PTN78060A Datasheet
1Mb / 18P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78020A TI-PTN78020A_15 Datasheet
473Kb / 20P
[Old version datasheet]   25-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PTN78060A TI-PTN78060A_15 Datasheet
553Kb / 19P
[Old version datasheet]   15-W, WIDE-INPUT ADJUSTABLE POSITIVE-TO-NEGATIVE VOLTAGE REGULATOR MODULE
PT78NR100 TI1-PT78NR100_15 Datasheet
206Kb / 5P
[Old version datasheet]   Negative output from positive input
PT78NR200 TI1-PT78NR200_09 Datasheet
439Kb / 2P
[Old version datasheet]   Negative output from positive input
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com