Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP2021 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMP2021
Description  LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP2021 Datasheet(HTML) 2 Page - Texas Instruments

  LMP2021_14 Datasheet HTML 1Page - Texas Instruments LMP2021_14 Datasheet HTML 2Page - Texas Instruments LMP2021_14 Datasheet HTML 3Page - Texas Instruments LMP2021_14 Datasheet HTML 4Page - Texas Instruments LMP2021_14 Datasheet HTML 5Page - Texas Instruments LMP2021_14 Datasheet HTML 6Page - Texas Instruments LMP2021_14 Datasheet HTML 7Page - Texas Instruments LMP2021_14 Datasheet HTML 8Page - Texas Instruments LMP2021_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
-
+
1/2
LMP2022
0.1 PF
-
+
1/2
LMP2022
0.1 PF
5.1 k:
0.1%
5.1 k:
0.1%
200:
200:
280:
VA
VA
+
-
VA
LMP2021
ADC161S626
+
VR = 1/2 VA
-
1 k:
1 k:
R3
R4
R1
R2
VA
EMI
180:
470 pF
VA = 5V
LMP2021, LMP2022
SNOSAY9D – SEPTEMBER 2008 – REVISED JULY 2009
www.ti.com
TYPICAL APPLICATION
Figure 1. Bridge Amplifier
The LMP2021/LMP2022 support systems with up to 24 bits of accuracy.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
ESD Tolerance (3)
Human Body Model
2000V
Machine Model
200V
Charge Device Model
1000V
VIN Differential
±VS
Supply Voltage (VS = V
+ – V)
6.0V
All Other Pins
V+ + 0.3V, V
− 0.3V
Output Short-Circuit Duration to V+ or V−(4)
5s
Storage Temperature Range
−65°C to 150°C
Junction Temperature (5)
150°C max
Soldering Information
Infrared or Convection (20 sec)
235°C
Wave Soldering Lead Temperature (10 sec)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test
conditions, see the Electrical Characteristics Tables.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
Human Body Model per MIL-STD-883, Method 3015.7. Machine Model, per JESD22-A115-A. Field-Induced Charge-Device Model, per
JESD22-C101-C.
(4)
Package power dissipation should be observed.
(5)
The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) - TA)/ θJA. All numbers apply for packages soldered directly onto a PC board.
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Links: LMP2021 LMP2022


Similar Part No. - LMP2021_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 36P
[Old version datasheet]   LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
More results

Similar Description - LMP2021_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP2021MA TI-LMP2021MA Datasheet
1Mb / 31P
[Old version datasheet]   LMP2021/LMP2022 Zero Drift, Low Noise, EMI Hardened Amplifiers
LMP2021 TI1-LMP2021 Datasheet
1Mb / 37P
[Old version datasheet]   Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
logo
National Semiconductor ...
LMP2021 NSC-LMP2021 Datasheet
702Kb / 20P
   Zero Drift, Low Noise, EMI Hardened Amplifiers
logo
Texas Instruments
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 37P
[Old version datasheet]   LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
LMP2021 TI-LMP2021_15 Datasheet
1Mb / 36P
[Old version datasheet]   LMP202x Zero-Drift, Low-Noise, EMI-Hardened Amplifiers
logo
Linear Technology
LTC2054 LINER-LTC2054 Datasheet
199Kb / 12P
   Low Power Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2929T AKM-AK2929T Datasheet
264Kb / 8P
   Zero Drift operational amplifiers
AK2921T AKM-AK2921T Datasheet
563Kb / 15P
   Zero Drift operational amplifiers
logo
Texas Instruments
OPA4188 TI1-OPA4188 Datasheet
1Mb / 35P
[Old version datasheet]   Zero-Drift Operational Amplifiers
logo
Asahi Kasei Microsystem...
AK2920T AKM-AK2920T Datasheet
345Kb / 15P
   Zero Drift operational amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com