Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS1000 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS1000
Description  Electronic Pressure Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS1000 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS1000 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS1000 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMC Corporation of America
10100 SMC Blvd., Noblesville, IN 46060
www.smcusa.com
SMC Pneumatics (Canada) Ltd.
www.smcpneumatics.ca
(800) SMC.SMC1 (762-7621)
e-mail: sales@smcusa.com
For International inquiries: www.smcworld.com
© 2012 SMC Corporation of America, All Rights Reserved.
All reasonable efforts to ensure the accuracy of the information detailed in this catalog were made at the time of publishing. However, SMC can in no way warrant the information herein contained as specifications are subject to change without notice.
QX-RRD-5M
How to Order
Switch Specifications
Set pressure
PS1000/PS1100
PS1200
t
PS1000 ON
OFF
PS1100 ON
OFF
58 (0.4)
29 (0.2)
0
–14.5 (–0.1)
Set pressure
t
PS1200 ON
OFF
0
–7.25 (–50)
–14.5 (–100)
RoHS
[Option]
Q
R06 L
PS
00
10
Output specifications
10
11
12
For positive pressure
For vacuum and residual pressure
For vacuum
Piping specifications
R06
R07
ø6 reducer
1/4" reducer
L
3 m
Lead wire length
The PS1200 series is CE-
compliant (with Q) only.
Option (CE-compliant )
Nil
Q
None
CE-compliant
Use the pressure setting trimmer to set
ON pressure.
Rotate clockwise to increase the set
pressure. For setting vacuum, rotate
counterclockwise.
To set, use a flat head screwdriver
suited for the groove of the trimmer,
and rotate it lightly with finger tip.
Rotation angle of the trimmer is 220 .
There is a stop provided to prevent the trimmer from rotating beyond its limits.
Rotation beyond the limit can damage the trimmer. Adjust the trimmer gently
within the rotation angle.
+
High
pressure
High
vacuum
Pressure setting
trimmer
220
Left end adjustment limit Right end adjustment limit
Setting of Pressure Switch
Trimmer
- +
30
25.5
3000
Pressure setting trimmer
LED indicator
PS1000-R06L
MADE IN JAPAN G
AIRCHECKER
ø6 reducer
1/4" reducer
Dimensions
KQ2H/L/T/S/Y06-M5
KQ2H/L07-M5
Other Series KQ2/KS
Series KJ
Dimensions
A
16
16
13
16
Applicable One-touch fittings
The switch turns ON
when the set
pressure is reached
or exceeded.
The switch turns ON
when at the set
pressure or below.
The switch turns
ON when at the
set pressure or
below.
Addition of PS1200 (For vacuum)
QS
Revision history
Edition B


Similar Part No. - PS1000

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
PS1000FL CTC-PS1000FL Datasheet
240Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results

Similar Description - PS1000

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
PS91 COPAL-PS91 Datasheet
1Mb / 3P
   Electronic pressure switch
PS40 COPAL-PS40 Datasheet
1Mb / 1P
   ELECTRONIC PRESSURE SWITCH
PS6 COPAL-PS6 Datasheet
1Mb / 4P
   ELECTRONIC PRESSURE SWITCH
logo
TT Electronics.
PAC50 TTELEC-PAC50 Datasheet
300Kb / 1P
   Electronic pressure switch for pneumatic applications
logo
Sensortechnics GmbH
VSOEPS10-50-15 SENSORTECHNICS-VSOEPS10-50-15 Datasheet
98Kb / 4P
   Electronic pressure controllers
OEMEPS10-50-2 SENSORTECHNICS-OEMEPS10-50-2 Datasheet
78Kb / 4P
   Miniature electronic pressure controllers
logo
Festo Corporation.
8000210 FESTO-8000210 Datasheet
111Kb / 1P
   Pressure switch
192488 FESTO-192488 Datasheet
103Kb / 2P
   Pressure switch
7/13/22
152616 FESTO-152616 Datasheet
91Kb / 1P
   Pressure switch
7/13/22
logo
Copal Electronics
PS8 COPAL-PS8 Datasheet
146Kb / 3P
   Pressure Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com