Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6629MFNOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH6629MFNOPB
Description  Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6629MFNOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6629MFNOPB Datasheet HTML 6Page - Texas Instruments LMH6629MFNOPB Datasheet HTML 7Page - Texas Instruments LMH6629MFNOPB Datasheet HTML 8Page - Texas Instruments LMH6629MFNOPB Datasheet HTML 9Page - Texas Instruments LMH6629MFNOPB Datasheet HTML 10Page - Texas Instruments LMH6629MFNOPB Datasheet HTML 11Page - Texas Instruments LMH6629MFNOPB Datasheet HTML 12Page - Texas Instruments LMH6629MFNOPB Datasheet HTML 13Page - Texas Instruments LMH6629MFNOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
f (Hz)
2
0
-2
-4
-6
-8
100k
1M
10M
100M
1G
1.5k
750:
240:
511:
Vs = +/-1.5V
Vo = 1Vpp
f (Hz)
1.5k
Ö
750
Ö
240
Ö
1k
Ö
Vs=+/-1.5V
Vo= 1Vpp
SOT23-5
100M
1G
10M
1M
100k
-8
-6
-4
-2
0
2
4
f (Hz)
2
0
-2
-4
-6
-8
100k
1M
10M
100M
1G
1.5k
750:
1k
240:
f (Hz)
1.5k
750
Ö
1k
240
Ö
SOT23-5
100M
1G
10M
1M
100k
-8
-6
-4
-2
0
2
10
100
1,000
f (MHz)
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
RL = 100:|| CL
RISO as noted (Measured @ CL)
33 pF, Riso = 17:
10 pF, Riso = 40:
4.7 pF, Riso = 72:
10
100
1,000
f (MHz)
2
1
0
-1
-2
-3
-4
-5
-6
-7
-8
RISO as noted (Measured @ CL)
RL = 100:|| CL
33 pF, Riso = 17:
Av = 4V/V
COMP Pin = LO
4.7 pF, Riso = 72:
10 pF, Riso = 40:
LMH6629
SNOSB18E – APRIL 2010 – REVISED JUNE 2011
www.ti.com
Typical Performance Characteristics (continued)
Unless otherwise specified, VS = ±2.5V, Rf = 240Ω, RL = 100Ω, VO = 2VPP, COMP pin = HI, AV = +10 V/V, WSON-8 and SOT-
23-5 packages (unless specifically noted).
Frequency Response with Cap. Loading
Frequency Response Cap. Loading, WSON-8 Package
Figure 16.
Figure 17.
Frequency Response
Frequency Response
vs.
vs.
Rf,
Rf,
WSON-8 Package
SOT-23-5 Package
Figure 18.
Figure 19.
Frequency Response
Frequency Response
vs.
vs.
Rf,
Rf,
WSON-8 Package
SOT-23-5 Package
Figure 20.
Figure 21.
10
Submit Documentation Feedback
Copyright © 2010–2011, Texas Instruments Incorporated
Product Folder Links: LMH6629


Similar Part No. - LMH6629MFNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6629MF NSC-LMH6629MF Datasheet
1Mb / 28P
   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6629MF/NOPB TI-LMH6629MF/NOPB Datasheet
8Mb / 45P
[Old version datasheet]   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6629MFE NSC-LMH6629MFE Datasheet
1Mb / 28P
   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6629MFE/NOPB TI-LMH6629MFE/NOPB Datasheet
8Mb / 45P
[Old version datasheet]   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
LMH6629MFX/NOPB TI-LMH6629MFX/NOPB Datasheet
8Mb / 45P
[Old version datasheet]   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
More results

Similar Description - LMH6629MFNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6629_1011 NSC-LMH6629_1011 Datasheet
1Mb / 28P
   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6629 TI-LMH6629_15 Datasheet
8Mb / 45P
[Old version datasheet]   Ultra-Low Noise, High-Speed Operational Amplifier with Shutdown
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Texas Instruments
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
LMV791-DIE TI-LMV791-DIE Datasheet
71Kb / 5P
[Old version datasheet]   Low Noise, CMOS Input Operational Amplifier with Shutdown
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
   Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
UPC4570 RENESAS-UPC4570 Datasheet
614Kb / 11P
   Ultra Low-Noise, High Speed, Wide Band, Dual Operational Amplifier
2019.1.17
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com