Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6552SDXNOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LMH6552SDXNOPB
Description  1.5 GHz Fully Differential Amplifier
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6552SDXNOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6552SDXNOPB Datasheet HTML 6Page - Texas Instruments LMH6552SDXNOPB Datasheet HTML 7Page - Texas Instruments LMH6552SDXNOPB Datasheet HTML 8Page - Texas Instruments LMH6552SDXNOPB Datasheet HTML 9Page - Texas Instruments LMH6552SDXNOPB Datasheet HTML 10Page - Texas Instruments LMH6552SDXNOPB Datasheet HTML 11Page - Texas Instruments LMH6552SDXNOPB Datasheet HTML 12Page - Texas Instruments LMH6552SDXNOPB Datasheet HTML 13Page - Texas Instruments LMH6552SDXNOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
120
0.01
1
1000
FREQUENCY (MHz)
40
70
100
10
0.1
100
90
60
50
80
110
-180
-45
-90
-135
0
MAGNITUDE
PHASE
V
+
= +5V
V
-
= -5V
120
0.01
1
1000
FREQUENCY (MHz)
40
70
100
10
0.1
100
90
60
50
80
110
-180
-45
-90
-135
0
MAGNITUDE
PHASE
V
+
= +2.5V
V
-
= -2.5V
4
0
-10
-20
-30
-40
-50
-60
2
2.2
2.4
2.6
2.8
3
3.2
3.4
3.6
3.8
OUTPUT CURRENT (mA)
V
+
= +5V
V
-
= -5V
RF = 357:
VIN = 3.8V SINGLE-ENDED INPUT
-2
0
10
20
30
40
50
60
-4
-3.8
-3.6
-3.4
-3.2
3
-2.8
-2.6
-2.4
-2.2
OUTPUT CURRENT (mA)
V
+
= +5V
V
-
= -5V
RF = 357:
VIN = 3.8V SINGLE-ENDED
0
0.5
1
1.5
2
2.5
3
VOCM (V)
-100
-90
-80
-70
-60
-50
-40
V
+
= +5V
V
-
= -5V
RL = 800:
VOUT = 2 VPP
fc = 20 MHz
HD2
HD3
0
0.5
1
1.5
2
2.5
3
VOCM (V)
-90
-80
-70
-60
-50
-40
HD2
HD3
V
+
= +5V
V
-
= -5V
RL = 800:
VOUT = 2 VPP
fc = 75 MHz
LMH6552
SNOSAX9G – APRIL 2007 – REVISED JULY 2011
www.ti.com
Typical Performance Characteristics V
+ = +5V, V= −5V (continued)
(TA = 25°C, RF = RG = 357Ω, RL = 500Ω, AV = 1, for single ended in, differential out, unless specified).
Distortion
Distortion
vs.
vs.
Output Common Mode Voltage
Output Common Mode Voltage
Figure 22.
Figure 23.
Maximum VOUT
Minimum VOUT
vs.
vs.
IOUT
IOUT
Figure 24.
Figure 25.
Open Loop Transimpedance
Open Loop Transimpedance
Figure 26.
Figure 27.
10
Submit Documentation Feedback
Copyright © 2007–2011, Texas Instruments Incorporated
Product Folder Links: LMH6552


Similar Part No. - LMH6552SDXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6552SD TI1-LMH6552SD Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
LMH6552SD/NOPB TI1-LMH6552SD/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
More results

Similar Description - LMH6552SDXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6552 TI1-LMH6552 Datasheet
1Mb / 38P
[Old version datasheet]   1.5-GHz Fully Differential Amplifier
LMH6554 TI1-LMH6554 Datasheet
1Mb / 29P
[Old version datasheet]   2.8-GHz Ultra Linear Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554 Datasheet
989Kb / 16P
   2.8 GHz Ultra Linear Fully Differential Amplifier
logo
SHANGHAI BELLING CO., L...
BL6203ITLX BELLING-BL6203ITLX Datasheet
251Kb / 17P
   Fully differential amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
   Fully Differential Amplifier
logo
Texas Instruments
THS4521 TI1-THS4521 Datasheet
2Mb / 65P
[Old version datasheet]   Fully Differential Amplifier
THS4541 TI1-THS4541 Datasheet
2Mb / 62P
[Old version datasheet]   Fully Differential Amplifier
logo
National Semiconductor ...
LMH6554 NSC-LMH6554_14 Datasheet
1Mb / 24P
   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
logo
Texas Instruments
LMH6554 TI-LMH6554_15 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6554 2.8-GHz Ultra Linear Fully Differential Amplifier
LMH6554 TI-LMH6554 Datasheet
1Mb / 24P
[Old version datasheet]   LMH6554 2.8 GHz Ultra Linear Fully Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com