Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PK25-D48-D5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PK25-D48-D5
Description  dc-dc converter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PK25-D48-D5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PK25-D48-D5 Datasheet HTML 1Page - List of Unclassifed Manufacturers PK25-D48-D5 Datasheet HTML 2Page - List of Unclassifed Manufacturers PK25-D48-D5 Datasheet HTML 3Page - List of Unclassifed Manufacturers PK25-D48-D5 Datasheet HTML 4Page - List of Unclassifed Manufacturers PK25-D48-D5 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
rev.
page
date
DESCRIPTION: dc-dc converter
2 of 5
11/2009
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: PK25
INPUT
parameter
conditions/description
min
nom
max
units
input voltage range
4.5
5
9
VDC
9
12
18
VDC
18
24
36
VDC
36
48
72
VDC
switching frequency
constant
300
KHz
OUTPUT
parameter
conditions/description
min
nom
max
units
set point accuracy
-2%
+2%
line regulation
all models
-0.5%
+0.5%
load regulation
single output models
-1.0%
+1.0%
dual output models (10% min. load)
-2.5%
+2.5%
minimum load
0.0
Amps
ripple and noise
20 MHz bandwidth
1.0% Vout
mVpp
PROTECTION
parameter
conditions/description
min
nom
max
units
over-current
continuous auto recovery 3
105%
135%
over-voltage
internally zener clamped 3
110%
140%
NOTE: 3 continuous operation in a protected state may compromise long-term reliability.
GENERAL
parameter
conditions/description
min
nom
max
units
efficiency
typical at full load
80%
89%
dielectric withstand
input/case, input/output, output/case
500
VAC
insulation resistance
at 500 VDC
100M
Ohms
agency standards
approved to UL1950, EN60950, CISPR22, CE
case material
STS
material flammability
94 V-0
weight
65
grams
(2.29)
(ounces)
MTBF
MIL-HDBK-217F
470k
hours
operating temperature
regular models
-20
+71
°C
extended temperature models
-40
+85
°C
storage temperature
-40
+105
°C
humidity
operating (non-condensing)
20%
90%
RH
washability
not intended for aqueous wash


Similar Part No. - PK25-D48-D5

ManufacturerPart #DatasheetDescription
logo
CUI INC
PK25-D48-D5 CUI-PK25-D48-D5 Datasheet
849Kb / 5P
   dc-dc converter
More results

Similar Description - PK25-D48-D5

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com