Electronic Components Datasheet Search |
|
PC817XP0J00F Datasheet(PDF) 1 Page - Sharp Corporation |
|
PC817XP0J00F Datasheet(HTML) 1 Page - Sharp Corporation |
1 / 15 page PC817XJ0000F Series 1. Recognized by UL1577 (Double protection isolation), file No. E64380 (as model No. PC817) 2. Package resin : UL flammability grade (94V-0) ■ Features ■ Agency approvals/Compliance 1. I/O isolation for MCUs (Micro Controller Units) 2. Noise suppression in switching circuits 3. Signal transmission between circuits of different po- tentials and impedances ■ Applications DIP 4pin General Purpose Photocoupler 1. 4pin DIP package 2. Double transfer mold package (Ideal for Flow Solder- ing) 3. High collector-emitter voltage (VCEO:80V) 4. Current transfer ratio (CTR : MIN. 50% at IF=5 mA, VCE=5V) 5. Several CTR ranks available 6. High isolation voltage between input and output (Viso(rms) : 5.0 kV) 7. Lead-free and RoHS directive compliant ∗4-channel package type is also available. (model No. PC847XJ0000F Series) ■ Description PC817XJ0000F Series contains an IRED optically coupled to a phototransistor. It is packaged in a 4pin DIP, available in wide-lead spacing option and SMT gullwing lead-form option. Input-output isolation voltage(rms) is 5.0kV. Collector-emitter voltage is 80V and CTR is 50% to 600% at input current of 5mA. 1 Sheet No.: D2-A03102EN Date Jun. 30. 2005 © SHARP Corporation Notice The content of data sheet is subject to change without prior notice. In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device. PC817XJ0000F Series |
Similar Part No. - PC817XP0J00F |
|
Similar Description - PC817XP0J00F |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |