Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6515 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMH6515
Description  LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6515 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMH6515 Datasheet HTML 6Page - Texas Instruments LMH6515 Datasheet HTML 7Page - Texas Instruments LMH6515 Datasheet HTML 8Page - Texas Instruments LMH6515 Datasheet HTML 9Page - Texas Instruments LMH6515 Datasheet HTML 10Page - Texas Instruments LMH6515 Datasheet HTML 11Page - Texas Instruments LMH6515 Datasheet HTML 12Page - Texas Instruments LMH6515 Datasheet HTML 13Page - Texas Instruments LMH6515 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
0
100
200
300
400
500
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
FREQUENCY (MHz)
RL = 200:
0
50
100
150
200
250
300
FREQUENCY (MHz)
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
RL = 100:
85°C
25°C
-40°C
-50
-25
0
25
50
75
100
TEMPERATURE (°C)
17
17.5
18
18.5
19
19.5
125
f = 70 MHz
f = 150 MHz
f = 250 MHz
f = 450 MHz
RL = 100:
0
100
200
300
400
500
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
0.45
0.5
FREQUENCY (MHz)
RL = 100:
3.5
4
4.5
5
5.5
24
24.2
24.4
24.6
24.8
25
25.2
25.4
25.6
25.8
26
SUPPLY VOLTAGE (V)
18
18.2
18.4
18.6
18.8
19
19.2
19.4
19.6
19.8
20
PIN = -24 dBm
f = 75 MHz
LOW GAIN MODE, RL = 100:
HIGH GAIN MODE, RL = 200:
10
100
1k
10k
100k
EXTERNAL DIFFERENTIAL LOAD (:)
12
16
20
24
28
32
36
400: INTERNAL WITH 400:
EXTERNAL = 26 dB NET
200: INTERNAL WITH 200:
EXTERNAL = 20 dB NET
INTERNAL LOAD =
200:
INTERNAL LOAD
= 400:
LMH6515
SNOSAX4B – AUGUST 2007 – REVISED OCTOBER 2007
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VCC = 5V
Maximum Gain vs. Supply Voltage
Gain vs. External Load
Figure 20.
Figure 21.
Maximum Gain Over Temperature
Worst Case Gain Step Error vs. Frequency
Figure 22.
Figure 23.
Worst Case Gain Step Error vs. Frequency
Worst Case Gain Step Error Over Temperature
Figure 24.
Figure 25.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Links: LMH6515


Similar Part No. - LMH6515

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6515 TI1-LMH6515 Datasheet
551Kb / 14P
[Old version datasheet]   selecting amplifiers, adcs, and clocks for high-performance signal paths
LMH6515 TI1-LMH6515 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6515SQ NSC-LMH6515SQ Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6515SQ/NOPB TI1-LMH6515SQ/NOPB Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
More results

Similar Description - LMH6515

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6515 TI1-LMH6515 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6514 TI1-LMH6514 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6514 TI1-LMH6514_14 Datasheet
1Mb / 29P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
   825 MHz, Digital Controlled, Variable Gain Amplifier
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
RFDA2015 RFMD-RFDA2015 Datasheet
1Mb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
logo
Qorvo, Inc
QPB0066 QORVO-QPB0066 Datasheet
1Mb / 15P
   Digital Controlled Variable Gain Amplifier (5 - 500 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com