Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMH6514SQXNOPB Datasheet(PDF) 1 Page - Texas Instruments

Part # LMH6514SQXNOPB
Description  LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMH6514SQXNOPB Datasheet(HTML) 1 Page - Texas Instruments

  LMH6514SQXNOPB Datasheet HTML 1Page - Texas Instruments LMH6514SQXNOPB Datasheet HTML 2Page - Texas Instruments LMH6514SQXNOPB Datasheet HTML 3Page - Texas Instruments LMH6514SQXNOPB Datasheet HTML 4Page - Texas Instruments LMH6514SQXNOPB Datasheet HTML 5Page - Texas Instruments LMH6514SQXNOPB Datasheet HTML 6Page - Texas Instruments LMH6514SQXNOPB Datasheet HTML 7Page - Texas Instruments LMH6514SQXNOPB Datasheet HTML 8Page - Texas Instruments LMH6514SQXNOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LMH6514
www.ti.com
SNOSB06 – JANUARY 2008
LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
Check for Samples: LMH6514
1
FEATURES
DESCRIPTION
The LMH6514 is a high performance, digitally
2
Adjustable Gain with a 42 dB Range
controlled variable gain amplifier (DVGA). It combines
Precise 6.02 dB Gain Steps
precision gain control with a low noise, ultra-linear,
Parallel 3 Bit Gain Control
differential amplifier. Typically, the LMH6514 drives a
high performance ADC in a broad range of mixed
On Chip Register Gain Setting
signal and digital communication applications such as
Fully Differential Signal Path
mobile
radio
and
cellular
base
stations
where
Single Ended to Differential Capable
automatic gain control (AGC) is required to increase
system dynamic range. When used in conjunction
200
Ω Input Impedance
with a high speed ADC, system dynamic range can
Small Footprint (4 mm x 4 mm) WQFN Package
be extended by up to 42 dB.
The LMH6514 has a differential input and output
APPLICATIONS
allowing large signal swings on a single 5V supply. It
Cellular Base Stations
is designed to accept signals from RF elements and
IF Sampling Receivers
maintain a terminated impedance environment. The
input impedance is 200
Ω resistive. The output
Instrumentation
impedance is either 200
Ω or 400Ω and is user
Modems
selectable. A unique internal architecture allows use
Imaging
with both single ended and differential input signals.
Differential Line Receiver
Input signals to the LMH6514 are scaled by a highly
linear,
digitally
controlled
attenuator
with
seven
KEY SPECIFICATIONS
accurate 6 dB steps. The attenuator output provides
the input signal for a high gain, ultra linear differential
600 MHz bandwidth at 100
Ω load
transconductor. The transconductor differential output
39 dBm OIP3 at 75 MHz, 200
Ω load
current can be converted into a voltage by using the
26 dB to 38 dB maximum gain
on-chip 200
Ω or 400Ω loads. The transconductance
gain is 0.1 Amp/Volt resulting in a maximum voltage
Selectable output impedance of 200
Ω or 400Ω.
gain of +32 dB when driving a 200
Ω load, or 38 dB
8.3 dB noise figure
when driving the 400
Ω load. On chip digital latches
5 ns gain step switching time
are provided for local storage of the gain setting. The
gain step settling time is 5 ns and care has been
100 mA supply current
taken to reduce the sensitivity of bandwidth and
phase to gain setting.
The
LMH6514
operates
over
the
industrial
temperature range of
−40°C to +85°C. The LMH6514
is available in a 16-Pin, thermally enhanced, WQFN
package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMH6514SQXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6514SQX NSC-LMH6514SQX Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
More results

Similar Description - LMH6514SQXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6514 TI1-LMH6514 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6514 600 MHz, Digital Controlled, Variable Gain Amplifier
logo
National Semiconductor ...
LMH6514 NSC-LMH6514 Datasheet
525Kb / 20P
   600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 NSC-LMH6515 Datasheet
529Kb / 18P
   600 MHz, Digital Controlled, Variable Gain Amplifier
logo
Texas Instruments
LMH6515 TI1-LMH6515_14 Datasheet
1Mb / 27P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
LMH6515 TI1-LMH6515 Datasheet
1Mb / 31P
[Old version datasheet]   LMH6515 600 MHz, Digital Controlled, Variable Gain Amplifier
SNOA524 TI1-SNOA524 Datasheet
4Mb / 8P
[Old version datasheet]   AN-1828 LMH6514 Digital Controlled Variable Gain Amplifier Evaluation Board
AN-1828 TI-AN-1828 Datasheet
4Mb / 8P
[Old version datasheet]   AN-1828 LMH6514 Digital Controlled Variable Gain Amplifier Evaluation Board
logo
National Semiconductor ...
LMH6518 NSC-LMH6518 Datasheet
250Kb / 8P
   825 MHz, Digital Controlled, Variable Gain Amplifier
logo
Mini-Circuits
DVGA2-33PP MINI-DVGA2-33PP Datasheet
699Kb / 9P
   Digital Controlled Variable Gain Amplifier
logo
RF Micro Devices
RFDA0015 RFMD-RFDA0015 Datasheet
934Kb / 10P
   DIGITAL CONTROLLED VARIABLE GAIN AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com