Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC817XF4J00F Datasheet(PDF) 3 Page - Sharp Corporation

Part # PC817XF4J00F
Description  DIP 4pin General Purpose Photocoupler
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC817XF4J00F Datasheet(HTML) 3 Page - Sharp Corporation

  PC817XF4J00F Datasheet HTML 1Page - Sharp Corporation PC817XF4J00F Datasheet HTML 2Page - Sharp Corporation PC817XF4J00F Datasheet HTML 3Page - Sharp Corporation PC817XF4J00F Datasheet HTML 4Page - Sharp Corporation PC817XF4J00F Datasheet HTML 5Page - Sharp Corporation PC817XF4J00F Datasheet HTML 6Page - Sharp Corporation PC817XF4J00F Datasheet HTML 7Page - Sharp Corporation PC817XF4J00F Datasheet HTML 8Page - Sharp Corporation PC817XF4J00F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Date code (2 digit)
Rank mark
Refer to the Model Line-up table
A.D.
1990
1991
1992
1993
1994
1995
1996
1997
1998
1999
2000
2001
Mark
A
B
C
D
E
F
H
J
K
L
M
N
Mark
P
R
S
T
U
V
W
X
A
B
C
Mark
1
2
3
4
5
6
7
8
9
O
N
D
Month
January
February
March
April
May
June
July
August
September
October
November
December
A.D
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
··
·
··
·
2nd digit
Month of production
1st digit
Year of production
Factory identification mark and Plating material
Factory identification Mark
no mark
Country of origin
Japan
Indonesia
China
Plating material
SnCu (Cu : TYP. 2%)
SnBi (Bi : TYP. 2%)
SnCu (Cu : TYP. 2%)*
* Up to Date code "T4" (April 2005), SnBi (Bi : TYP. 2%).
** This factory marking is for identification purpose only.
Please contact the local SHARP sales representative to see the actural status of the
production.
3
repeats in a 20 year cycle
Sheet No.: D2-A03102EN
PC817XJ0000F Series


Similar Part No. - PC817XF4J00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817XF SHARP-PC817XF Datasheet
267Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XF SHARP-PC817XF Datasheet
286Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XFP SHARP-PC817XFP Datasheet
267Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XFP SHARP-PC817XFP Datasheet
286Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
More results

Similar Description - PC817XF4J00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XI3J00F SHARP-PC817XI3J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X1 SHARP-PC817X1 Datasheet
267Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817X4J000F SHARP-PC817X4J000F Datasheet
286Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Sep. 30. 2003
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
   DIP 4pin AC Input Photocoupler
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
   DIP 4pin AC Input Photocoupler
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com