Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRV8824 Datasheet(PDF) 8 Page - Texas Instruments

Part # DRV8824
Description  DRV8824 Stepper Motor Controller IC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8824 Datasheet(HTML) 8 Page - Texas Instruments

Back Button DRV8824_14 Datasheet HTML 4Page - Texas Instruments DRV8824_14 Datasheet HTML 5Page - Texas Instruments DRV8824_14 Datasheet HTML 6Page - Texas Instruments DRV8824_14 Datasheet HTML 7Page - Texas Instruments DRV8824_14 Datasheet HTML 8Page - Texas Instruments DRV8824_14 Datasheet HTML 9Page - Texas Instruments DRV8824_14 Datasheet HTML 10Page - Texas Instruments DRV8824_14 Datasheet HTML 11Page - Texas Instruments DRV8824_14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
800
1000
1200
1400
1600
1800
2000
10
15
20
25
30
35
40
45
VM (V)
-40°C
25°C
85°C
125°C
C003
800
1000
1200
1400
1600
1800
2000
±50
±25
0
25
50
75
100
125
T
A (ƒC)
10 V
24 V
45 V
C004
4.0
4.5
5.0
5.5
6.0
6.5
7.0
10
15
20
25
30
35
40
45
VM (V)
25°C
85°C
125°C
C001
6
7
8
9
10
11
12
13
14
10
15
20
25
30
35
40
45
VM (V)
-40°C
25°C
85°C
125°C
C002
DRV8824
SLVSA06I – OCTOBER 2009 – REVISED JUNE 2014
www.ti.com
7.7 Typical Characteristics
Figure 2. IVM vs VM
Figure 3. IVMQ vs VM
Figure 4. RDS(ON) vs VM
Figure 5. RDS(ON) vs Temperature
8
Submit Documentation Feedback
Copyright © 2009–2014, Texas Instruments Incorporated
Product Folder Links: DRV8824


Similar Part No. - DRV8824_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8824 TI-DRV8824_15 Datasheet
1Mb / 35P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
DRV8824 TI1-DRV8824_16 Datasheet
1Mb / 35P
[Old version datasheet]   Stepper Motor Controller IC
More results

Similar Description - DRV8824_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8824 TI-DRV8824_15 Datasheet
1Mb / 35P
[Old version datasheet]   DRV8824 Stepper Motor Controller IC
DRV8824-Q1 TI-DRV8824-Q1_15 Datasheet
1Mb / 30P
[Old version datasheet]   DRV8824-Q1 Automotive Motor Controller IC
DRV8825 TI-DRV8825 Datasheet
634Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824 Datasheet
742Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8825 TI1-DRV8825_16 Datasheet
1Mb / 32P
[Old version datasheet]   Stepper Motor Controller IC
DRV8811 TI-DRV8811_11 Datasheet
1,023Kb / 22P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8824 TI1-DRV8824_16 Datasheet
1Mb / 35P
[Old version datasheet]   Stepper Motor Controller IC
DRV8818 TI-DRV8818 Datasheet
748Kb / 20P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8711 TI-DRV8711 Datasheet
1Mb / 36P
[Old version datasheet]   STEPPER MOTOR CONTROLLER IC
DRV8818 TI1-DRV8818_16 Datasheet
1Mb / 31P
[Old version datasheet]   Stepper Motor Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com