Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P73HT-D Datasheet(PDF) 6 Page - PANDUIT CORP.

Part # P73HT-D
Description  P-CONN TM SCREW-ON WIRE CONNECTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

P73HT-D Datasheet(HTML) 6 Page - PANDUIT CORP.

Back Button P73HT-D Datasheet HTML 2Page - PANDUIT CORP. P73HT-D Datasheet HTML 3Page - PANDUIT CORP. P73HT-D Datasheet HTML 4Page - PANDUIT CORP. P73HT-D Datasheet HTML 5Page - PANDUIT CORP. P73HT-D Datasheet HTML 6Page - PANDUIT CORP. P73HT-D Datasheet HTML 7Page - PANDUIT CORP. P73HT-D Datasheet HTML 8Page - PANDUIT CORP. P73HT-D Datasheet HTML 9Page - PANDUIT CORP. P73HT-D Datasheet HTML 10Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
CONTOURED FIN
improves gripping
ability and comfort
TOUGH NYLON
HOUSING provides
excellent insulation
properties
DEEP SKIRT
protects against
flashover and shorts
P-CONN TM SHARK TM SCREW-ON WIRE CONNECTORS
v Large grip area for easy-on-the-fingers
installation
v Three sizes cover full range of wire sizes
and combinations
v Funnel entry guides wires into connector
v Tough nylon housing resists breakage
v Excellent electrical insulation
v Standard industry colors
FUNNEL ENTRY
guides wires into con-
nector
WIDE WIRE RANGE
parts provide a larger wire
range capability and ease
of installation
SHARK TM Fin Style . . . Features
PRODUCT MARKINGS easily identify
wire range and approvals


Similar Part No. - P73HT-D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P730 ETC2-P730 Datasheet
434Kb / 3P
   Manual Motor Starter MU
P730 ETC2-P730 Datasheet
4Mb / 122P
   E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
logo
Harris Corporation
P7300 HARRIS-P7300 Datasheet
369Kb / 2P
   The VC4000 Charger
P7300 HARRIS-P7300 Datasheet
265Kb / 2P
   GPS Speaker Microphone
logo
Connor-Winfield Corpora...
P731 CONNOR-WINFIELD-P731 Datasheet
198Kb / 2P
   3.3V 5 x 7mm SURFACE MOUNT HIGH FREQUENCY LVPECL CLOCK OSCILLATOR
More results

Similar Description - P73HT-D

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-HDS26-HOOD-WP-R ASSMANN-A-HDS26-HOOD-WP-R Datasheet
121Kb / 1P
   D-SUB CONN. ASSY SCREW HD26P M CONN M PIN
A-HDS44-HOOD-WP-R ASSMANN-A-HDS44-HOOD-WP-R Datasheet
120Kb / 1P
   D-SUB CONN. ASSY SCREW HD44P M CONN M PIN
logo
Molex Electronics Ltd.
51115-1611 MOLEX11-51115-1611 Datasheet
77Kb / 1P
   4.0 WIRE TO WIRE CONN
logo
Assmann Electronics Inc...
A-HDS15-HOOD-WP-R ASSMANN-A-HDS15-HOOD-WP-R Datasheet
112Kb / 1P
   D-SUB CONN. ASSY SCREW HO15P M CONN M PIN
logo
List of Unclassifed Man...
12047662 ETC-12047662 Datasheet
92Kb / 1P
   TAXI CONN F M/P 150
logo
Schurter Inc.
0164 SCHURTER-0164 Datasheet
297Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Screw-on Terminal
0164 SCHURTER-0164_V01 Datasheet
156Kb / 2P
   IEC Appliance Inlet C16, Screw-on Mounting, Front Side, Screw-on Terminal
17.05.2016
logo
Molex Electronics Ltd.
0505398000 MOLEX11-0505398000 Datasheet
118Kb / 2P
   3.96 WIRE TO BOARD CONN CRIMP RECEPTACLE
logo
Weidmuller
0511272005 WEIDMULLER-0511272005 Datasheet
61Kb / 1P
   1.25 DUAL WIRE TO BOARD CONN. HOUSING
logo
Molex Electronics Ltd.
51021-0600 MOLEX11-51021-0600 Datasheet
84Kb / 2P
   1.25 WIRE TO BOARD CONN. RECEPTACLE HOUSING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com