Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA2005NL Datasheet(PDF) 3 Page - Pulse A Technitrol Company

Part # PA2005NL
Description  Higher Volt- sec capability
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA2005NL Datasheet(HTML) 3 Page - Pulse A Technitrol Company

  PA2005NL Datasheet HTML 1Page - Pulse A Technitrol Company PA2005NL Datasheet HTML 2Page - Pulse A Technitrol Company PA2005NL Datasheet HTML 3Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
pulseelectronics.com
SMT Gate Drive Transformers
PA200xNL Basic and Operational Insulation
P663.G (04/14)
For More Information
Pulse Worldwide
Headquarters
12220 World Trade Drive
San Diego, CA
92128
U.S.A.
Tel: 858 674 8100
Fax: 858 674 8262
Pulse Europe
Zeppelinstrasse 15
71083 Herrenberg
Germany
Tel: 49 7032 78060
Fax: 49 7032 7806 135
Pulse China Headquarters
B402, Shenzhen Academy of
Aerospace Technol-
ogy Bldg.
10th Kejinan Road
High-Tech Zone
Nanshan District
Shenzen, PR China
518057
Tel: 86 755 33966678
Fax: 86 755 33966700
Pulse North China
Room 2704/2705
Super Ocean Finance
Ctr.
2067 Yan An Road
West
Shanghai 200336
China
Tel: 86 21 62787060
Fax: 86 2162786973
Pulse South Asia
135 Joo Seng Road
#03-02
PM Industrial Bldg.
Singapore 368363
Tel: 65 6287 8998
Fax: 65 6287 8998
Pulse North Asia
3F, No. 198
Zhongyuan Road
Zhongli City
Taoyuan County 32068
Taiwan R. O. C.
Tel: 886 3 4356768
Fax: 886 3 4356823 (Pulse)
Fax: 886 3 4356820 (FRE)
Performance warranty of products offered on this data sheet is limited to the parameters specified. Data is subject to change without notice. Other brand and product names mentioned herein may be
trademarks or registered trademarks of their respective owners. © Copyright, 2014. Pulse Electronics, Inc. All rights reserved.
PA2005NL, PA2006NL
Mechanical
Schematic
(CONTINUED)
PA2005NL
PA2006NL
Date Code
Country of Origin
.460
11,68
.250
6,35
.100
2,54
.160
4,06
.025
0,64
.330
8,38
.430
10,92
.070
1,78
.250
6,35
.100
2,54
1
3
6
4
.005/0,13
6 SURFACES
.340
8,64
.330
8,38
MAX
1
2
5
3
4
6
1
3
6
4
Weight ..........................0.48 grams
Tape & Reel ......................900/reel
Tube ...................................60/tube
Dimensions:
Inches
mm
.010
0,25
Unless otherwise specified,
all tolerances are ±
PA2006NL
SUGGESTED PAD LAYOUT
PA2005NL


Similar Part No. - PA2005NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2005NL PULSE-PA2005NL Datasheet
789Kb / 3P
   SMT Gate Drive Transformers
PA2005NL PULSE-PA2005NL Datasheet
788Kb / 3P
   SMT Gate Drive Transformers
More results

Similar Description - PA2005NL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE88N65M5 STMICROELECTRONICS-STE88N65M5 Datasheet
1,008Kb / 14P
   Higher dv/dt capability
February 2014 Rev 1
logo
M.S. Kennedy Corporatio...
MSK4203 MSK-MSK4203_15 Datasheet
121Kb / 5P
   75 Volt, 10 Amp Capability
logo
Bel Fuse Inc.
Q48S25033 BEL-Q48S25033 Datasheet
937Kb / 13P
   Higher current capability at 70 쨘C than existing
QM48S40033 BEL-QM48S40033 Datasheet
950Kb / 12P
   Higher current capability at 70 쨘C than most competitors??40 A half bricks
logo
List of Unclassifed Man...
1803D ETC2-1803D Datasheet
602Kb / 1P
   Selectable gate times 0.1 sec and 1.0 sec
logo
ams AG
GWCSSRM1.BM AMSCO-GWCSSRM1.BM Datasheet
1Mb / 24P
   Higher performance.
Version 1.6 2020-03-25
logo
List of Unclassifed Man...
M5106 ETC-M5106 Datasheet
99Kb / 1P
   6 SEC VOICE
M5109 ETC-M5109 Datasheet
99Kb / 1P
   9 SEC VOICE
logo
Cornell Dubilier Electr...
CD16 CDE-CD16 Datasheet
347Kb / 2P
   Snubber and RF Application, Mica Capacitors Higher dV/dt Capability and Flatter Insertion Loss
logo
Aplus Intergrated Circu...
IVR1004 APLUS-IVR1004 Datasheet
164Kb / 8P
   aIVR1004 ??10 sec
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com