Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

120D10 Datasheet(PDF) 8 Page - Opto Electronics Co,. LTD

Part # 120D10
Description  Solid-State Relays
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-OEC [Opto Electronics Co,. LTD]
Direct Link  http://www.e-oec.com
Logo E-OEC - Opto Electronics Co,. LTD

120D10 Datasheet(HTML) 8 Page - Opto Electronics Co,. LTD

Back Button 120D10 Datasheet HTML 4Page - Opto Electronics Co,. LTD 120D10 Datasheet HTML 5Page - Opto Electronics Co,. LTD 120D10 Datasheet HTML 6Page - Opto Electronics Co,. LTD 120D10 Datasheet HTML 7Page - Opto Electronics Co,. LTD 120D10 Datasheet HTML 8Page - Opto Electronics Co,. LTD 120D10 Datasheet HTML 9Page - Opto Electronics Co,. LTD 120D10 Datasheet HTML 10Page - Opto Electronics Co,. LTD 120D10 Datasheet HTML 11Page - Opto Electronics Co,. LTD 120D10 Datasheet HTML 12Page - Opto Electronics Co,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Solid-State Relays
Opto 22 • 43044 Business Park Drive • Temecula, CA 92590-3614 • www.opto22.com
SALES 800-321-6786 • 951-695-3000 • FAX 951-695-3095 • sales@opto22.com • SUPPORT 800-835-6786 • 951-695-3080 • FAX 951-695-3017 • support@opto22.com
© 2006–2014 Opto 22. All rights reserved. Dimensions and specifications are subject to change. Brand or product names used herein are trademarks or registered trademarks of their respective companies or organizations.
PAGE
8
AC Power: 120/240 Volt (cont.)
Connection Diagram
Current vs. Ambient Ratings
Surge Current Data
Mounted on a heat sink with
2 °C/watt rating
*Control Current varies with control voltage. See “Control
Current Calculation” on page 17 for information.
Dimensional Drawings
NOTE: All dimensions are nominal.


Similar Part No. - 120D10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
120D10 ETC2-120D10 Datasheet
317Kb / 12P
   SOLID-STATE RELAYS
120D10-1000HSTB ETC-120D10-1000HSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
120D10-1000MSTB ETC-120D10-1000MSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
120D10-1000SSTB ETC-120D10-1000SSTB Datasheet
421Kb / 4P
   STB Series Solid State Triggered Delay-On-Release Timers
More results

Similar Description - 120D10

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G3NE OMRON-G3NE_1 Datasheet
452Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SH ALLEN-BRADLEY-700-SH Datasheet
598Kb / 7P
   Solid-State Relays
logo
PHOENIX CONTACT
2982689 PHOENIX-2982689 Datasheet
168Kb / 4P
   Solid-State Relays
logo
TT Electronics.
OSSRD1001A TTELEC-OSSRD1001A Datasheet
586Kb / 15P
   Solid State Relays
logo
GREEGOO Electric Co.,Lt...
GRV1024PW GREEGOO-GRV1024PW Datasheet
428Kb / 1P
   Solid State Relays
logo
Omron Electronics LLC
G3M OMRON-G3M Datasheet
419Kb / 8P
   Solid State Relays
logo
Allen-Bradley
700-SF ALLEN-BRADLEY-700-SF Datasheet
374Kb / 4P
   Solid-State Relays
700-SC ALLEN-BRADLEY-700-SC Datasheet
391Kb / 5P
   Solid-State Relays
logo
PHOENIX CONTACT
PLC-HSC-24DC PHOENIX-PLC-HSC-24DC Datasheet
98Kb / 6P
   Solid-state relays
logo
Allen-Bradley
700-SK ALLEN-BRADLEY-700-SK Datasheet
370Kb / 5P
   Solid-State Relays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com