Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CC2540F128 Datasheet(PDF) 9 Page - Texas Instruments

Part # CC2540F128
Description  2.4-GHz Bluetooth low energy System-on-Chip
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CC2540F128 Datasheet(HTML) 9 Page - Texas Instruments

Back Button CC2540F128_14 Datasheet HTML 5Page - Texas Instruments CC2540F128_14 Datasheet HTML 6Page - Texas Instruments CC2540F128_14 Datasheet HTML 7Page - Texas Instruments CC2540F128_14 Datasheet HTML 8Page - Texas Instruments CC2540F128_14 Datasheet HTML 9Page - Texas Instruments CC2540F128_14 Datasheet HTML 10Page - Texas Instruments CC2540F128_14 Datasheet HTML 11Page - Texas Instruments CC2540F128_14 Datasheet HTML 12Page - Texas Instruments CC2540F128_14 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
CC2540F128, CC2540F256
www.ti.com
SWRS084F – OCTOBER 2010 – REVISED JUNE 2013
OP-AMP CHARACTERISTICS
TA = 25°C, VDD = 3 V, . All measurement results are obtained using the CC2540 reference designs post-calibration.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Chopping Configuration, Register APCFG = 0x07, OPAMPMC = 0x03, OPAMPC = 0x01
Output maximum voltage
VDD – 0.1
V
Output minimum voltage
0.1
V
Open-loop gain
108
dB
Gain-bandwidth product
2
MHz
Slew rate
2.6
V/
μs
Input maximum voltage
VDD
V
Intput minimum voltage
0
mV
Input offset voltage
40
μV
CMRR
Common-mode rejection ratio
90
dB
Supply current
0.4
mA
f = 0.01 Hz to 1 Hz
1.1
Input noise voltage
nV/
√(Hz)
f = 0.1 Hz to 10 Hz
1.7
Non-Chopping Configuration, Register APCFG = 0x07, OPAMPMC = 0x00, OPAMPC = 0x01
Output maximum voltage
VDD – 0.1
V
Output minimum voltage
0.1
V
Open-loop gain
108
dB
Gain-bandwidth product
2
MHz
Slew rate
2.6
V/
μs
Input maximum voltage
VDD
V
Intput minimum voltage
0
mV
Input offset voltage
3.2
mV
CMRR
Common-mode rejection ratio
90
dB
Supply current
0.4
mA
f = 0.01 Hz to 1 Hz
60
Input noise voltage
nV/
√(Hz)
f = 0.1 Hz to 10 Hz
65
COMPARATOR CHARACTERISTICS
TA = 25°C, VDD = 3 V. All measurement results are obtained using the CC2540 reference designs, post-calibration.
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
Common-mode maximum voltage
VDD
V
Common-mode minimum voltage
–0.3
Input offset voltage
1
mV
Offset vs temperature
16
µV/°C
Offset vs operating voltage
4
mV/V
Supply current
230
nA
Hysteresis
0.15
mV
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: CC2540F128 CC2540F256


Similar Part No. - CC2540F128_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128 TI1-CC2540F128_11 Datasheet
850Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2540F128 TI1-CC2540F128_16 Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
More results

Similar Description - CC2540F128_14

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540F128 TI1-CC2540F128_11 Datasheet
850Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
JULY2011
CC2540F128 TI1-CC2540F128_16 Datasheet
1Mb / 35P
[Old version datasheet]   2.4-GHz Bluetooth low energy System-on-Chip
CC2541F128RHAR TI-CC2541F128RHAR Datasheet
429Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541F256RHAT TI1-CC2541F256RHAT Datasheet
440Kb / 32P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
CC2541F256RHAR TI-CC2541F256RHAR Datasheet
345Kb / 30P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_15 Datasheet
921Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI-CC2541_12 Datasheet
742Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth??low energy and Proprietary System-on-Chip
CC2541 TI1-CC2541 Datasheet
972Kb / 34P
[Old version datasheet]   2.4-GHz Bluetooth low energy and Proprietary System-on-Chip
logo
Nordic Semiconductor
NRF51802 NORDIC-NRF51802 Datasheet
5Mb / 85P
   Multiprotocol Bluetooth® low energy/2.4 GHz RF System on Chip
v1.2
logo
Texas Instruments
CC2540F128 TI1-CC2540F128 Datasheet
771Kb / 33P
[Old version datasheet]   2.4-GHz Bluetooth짰 low energy System-on-Chip
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com