Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUF11704 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BUF11704
Description  Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BUF11704 Datasheet(HTML) 2 Page - Texas Instruments

  BUF11704 Datasheet HTML 1Page - Texas Instruments BUF11704 Datasheet HTML 2Page - Texas Instruments BUF11704 Datasheet HTML 3Page - Texas Instruments BUF11704 Datasheet HTML 4Page - Texas Instruments BUF11704 Datasheet HTML 5Page - Texas Instruments BUF11704 Datasheet HTML 6Page - Texas Instruments BUF11704 Datasheet HTML 7Page - Texas Instruments BUF11704 Datasheet HTML 8Page - Texas Instruments BUF11704 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
BUF12840
SBOS519A
– OCTOBER 2010 – REVISED JULY 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
PACKAGE
PRODUCT
PACKAGE
DESIGNATOR
PACKAGE MARKING
TRANSPORT MEDIA, QUANTITY
BUF12840
VQFN-24
RGE
BUF12840
Tape and Reel, 3000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at ti.com.
ABSOLUTE MAXIMUM RATINGS
(1)
PARAMETER
BUF12840
UNIT
Supply Voltage
VS
+22
V
Supply Voltage
VSD
+6
V
Supply Input Terminals, SCL, SDA, A0, BKSEL, EA0, EA1, EN, LD: Voltage
–0.5 to +6
V
Supply Input Terminals, SCL, SDA, A0, BKSEL, EA0, EA1, EN, LD: Current
±10
mA
Output Short-Circuit(2)
Continuous
Operating Temperature
–40 to +95
°C
Storage Temperature
–65 to +150
°C
Junction Temperature
TJ
+125
°C
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not supported.
(2)
Short-circuit to ground. Exposed thermal die is soldered to the PCB using thermal vias. Refer to Texas Instruments application report
QFN/SON PCB Attachment (SLUS271).
THERMAL INFORMATION
BUF12840
THERMAL METRIC(1)
RGE
UNITS
24 PINS
θJA
Junction-to-ambient thermal resistance
35.6
θJC(top)
Junction-to-case(top) thermal resistance
40.5
θJB
Junction-to-board thermal resistance
10.0
°C/W
ψJT
Junction-to-top characterization parameter
0.5
ψJB
Junction-to-board characterization parameter
9.9
θJC(bottom)
Junction-to-case(bottom) thermal resistance
3.0
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - BUF11704

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF11704 BURR-BROWN-BUF11704 Datasheet
370Kb / 25P
   18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF11704 TI1-BUF11704 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF11704 TI1-BUF11704 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
logo
Burr-Brown (TI)
BUF11704AIPWP BURR-BROWN-BUF11704AIPWP Datasheet
370Kb / 25P
   18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
BUF11704AIPWPR BURR-BROWN-BUF11704AIPWPR Datasheet
370Kb / 25P
   18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
More results

Similar Description - BUF11704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08821 TI-BUF08821 Datasheet
778Kb / 27P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08832 TI-BUF08832 Datasheet
800Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF08832 TI1-BUF08832_14 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
logo
ON Semiconductor
NCS12802 ONSEMI-NCS12802 Datasheet
1,021Kb / 21P
   Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
logo
Burr-Brown (TI)
BUF20800 BURR-BROWN-BUF20800 Datasheet
752Kb / 27P
   18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com