Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUF11704 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BUF11704
Description  Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BUF11704 Datasheet(HTML) 4 Page - Texas Instruments

  BUF11704 Datasheet HTML 1Page - Texas Instruments BUF11704 Datasheet HTML 2Page - Texas Instruments BUF11704 Datasheet HTML 3Page - Texas Instruments BUF11704 Datasheet HTML 4Page - Texas Instruments BUF11704 Datasheet HTML 5Page - Texas Instruments BUF11704 Datasheet HTML 6Page - Texas Instruments BUF11704 Datasheet HTML 7Page - Texas Instruments BUF11704 Datasheet HTML 8Page - Texas Instruments BUF11704 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
V
COM
OUT1
OUT2
OUT3
OUT4
GND
A
(1)
V
S
V
SD
SDA
V
COM-FB
V
S
OUT8
OUT7
OUT6
GND
D
(1)
BKSEL
A0
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
PowerPAD
Lead-Frame
DiePad
Exposedon
Underside
(mustconnectto
GND andGND )
A
D
SCL
OUT5
GND
A
(1)
14
13
12
11
BUF08832
SBOS476C
– AUGUST 2009 – REVISED JULY 2011
www.ti.com
PIN CONFIGURATION
PWP PACKAGE
HTSSOP-20
(TOP VIEW)
NOTE: (1) GNDA and GNDD must be connected together.
PIN DESCRIPTIONS
PIN #
NAME
DESCRIPTION
1
VCOM
VCOM
2
GNDA
Analog ground; must be connected to digital ground (GNDD).
3
OUT1
DAC output 1
4
OUT2
DAC output 2
5
OUT3
DAC output 3
6
OUT4
DAC output 4
7
VS
VS connected to analog supply
8
VSD
Digital supply; connect to logic supply
9
SCL
Serial clock input; open-drain, connect to pull-up resistor.
10
SDA
Serial data I/O; open-drain, connect to pull-up resistor.
11
A0
A0 address pin for Two-Wire address; connect to either logic 1 or logic 0. See Table 1.
12
BKSEL
Selects memory bank 0 or 1; connect to either logic 1 to select bank 1 or logic 0 to select bank 0.
13
GNDD
Digital ground; must be connected to analog ground at the BUF08832.
14
GNDA
Analog ground; must be connected to digital ground (GNDD).
15
OUT5
DAC output 5
16
OUT6
DAC output 6
17
OUT7
DAC output 7
18
OUT8
DAC output 8
19
VS
VS connected to analog supply
20
VCOM-FB
VCOM feedback
4
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - BUF11704

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF11704 BURR-BROWN-BUF11704 Datasheet
370Kb / 25P
   18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
logo
Texas Instruments
BUF11704 TI1-BUF11704 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF11704 TI1-BUF11704 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
logo
Burr-Brown (TI)
BUF11704AIPWP BURR-BROWN-BUF11704AIPWP Datasheet
370Kb / 25P
   18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
BUF11704AIPWPR BURR-BROWN-BUF11704AIPWPR Datasheet
370Kb / 25P
   18 - V SUPPLY MULTI - CHANNER GAMMA CORRECTION BUFFER
More results

Similar Description - BUF11704

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF08832 TI-BUF08832 Datasheet
800Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08821 TI-BUF08821 Datasheet
778Kb / 27P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08630 TI1-BUF08630_14 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF12840 TI1-BUF12840_14 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF18830 TI1-BUF18830 Datasheet
410Kb / 9P
[Old version datasheet]   Programmable GAMMA-VOLTAGE GENERATOR with Two High Slew Rate VCOMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com