Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUF12800 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # BUF12800
Description  Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BUF12800 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BUF12800 Datasheet HTML 6Page - Texas Instruments BUF12800 Datasheet HTML 7Page - Texas Instruments BUF12800 Datasheet HTML 8Page - Texas Instruments BUF12800 Datasheet HTML 9Page - Texas Instruments BUF12800 Datasheet HTML 10Page - Texas Instruments BUF12800 Datasheet HTML 11Page - Texas Instruments BUF12800 Datasheet HTML 12Page - Texas Instruments BUF12800 Datasheet HTML 13Page - Texas Instruments BUF12800 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
V
=V ´
OUT
S
CODE
10
1024
BUF08832
SBOS476C
– AUGUST 2009 – REVISED JULY 2011
www.ti.com
DATA RATES
OUTPUT VOLTAGE
The two-wire bus operates in one of three speed
Buffer output values are determined by the analog
modes:
supply voltage (VS) and the decimal value of the
binary input code used to program that buffer. The
Standard: allows a clock frequency of up to
value is calculated using Equation 1:
100kHz;
Fast: allows a clock frequency of up to 400kHz;
and
(1)
High-speed mode (also called Hs mode): allows a
clock frequency of up to 3.4MHz.
The BUF08832 outputs are capable of a full-scale
voltage
output
change
in
typically
5
μs;
no
The BUF08832 is fully compatible with all three
intermediate steps are required.
modes. No special action is required to use the
device in Standard or Fast modes, but High-speed
UPDATING THE DAC OUTPUT VOLTAGES
mode must be activated. To activate High-speed
mode, send a special address byte of 00001 xxx, with
Because the BUF08832 features a double-buffered
SCL
≤ 400kHz, following the START condition; where
register
structure,
updating
the
digital-to-analog
xxx are bits unique to the Hs-capable master, which
converter (DAC) and/or the VCOM register is not the
can be any value. This byte is called the Hs master
same as updating the DAC and/or VCOM output
code.
Table
2
provides
a
reference
for
the
voltage. There are two methods for updating the
High-speed mode command code. (Note that this
DAC/VCOM output voltages.
configuration
is
different
from
normal
address
Method 1: Method 1 is used when it is desirable to
bytes
—the low bit does not indicate read/write
have
the
DAC/VCOM
output
voltage
change
status.) The BUF08832 responds to the High-speed
immediately after writing to a DAC register. For each
command regardless of the value of these last three
write transaction, the master sets data bit 15 to a '1'.
bits. The BUF08832 does not acknowledge this byte;
The DAC/VCOM output voltage update occurs after
the
communication
protocol
prohibits
receiving the 16th data bit for the currently-written
acknowledgment of the Hs master code. Upon
register.
receiving a master code, the BUF08832 switches on
its Hs mode filters, and communicates at up to
Method 2: Method 2 is used when it is desirable to
3.4MHz. Additional high-speed transfers may be
have all DAC/VCOM output voltages change at the
initiated without resending the Hs mode byte by
same time. First, the master writes to the desired
generating a repeat START without a STOP. The
DAC/VCOM channels with data bit 15 a '0'. Then,
BUF08832 switches out of Hs mode with the next
when writing the last desired DAC/VCOM channel, the
STOP condition.
master sets data bit 15 to a '1'. All DAC/VCOM
channels are updated at the same time after
GENERAL-CALL RESET AND POWER-UP
receiving the 16th data bit.
The BUF08832 responds to a General-Call Reset,
NONVOLATILE MEMORY
which is an address byte of 00h (0000 0000) followed
by a data byte of 06h (0000 0110). The BUF08832
BKSEL Pin
acknowledges
both
bytes.
Table
2
provides
a
reference for the General-Call Reset command code.
The BUF08832 has 16x rewrite capability of the
Upon receiving a General-Call Reset, the BUF08832
nonvolatile memory. Additionally, the BUF08832 has
performs a full internal reset, as though it had been
the ability to store two distinct gamma curves in two
powered off and then on. It always acknowledges the
different nonvolatile memory banks, each of which
General-Call address byte of 00h (0000 0000), but
has 16x rewrite capability. One of the two available
does not acknowledge any General-Call data bytes
banks is selected using the external input pin,
other than 06h (0000 0110).
BKSEL. When this pin is low, BANK0 is selected;
when this pin is high, BANK1 is selected.
When the BUF08832 powers up, it automatically
performs a reset. As part of the reset, the BUF08832
is configured for all outputs to change to the last
programmed
nonvolatile
memory
values,
or
1000000000 if the nonvolatile memory values have
not been programmed.
10
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - BUF12800

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF12800 BURR-BROWN-BUF12800 Datasheet
282Kb / 20P
   REFERENCE VOLTAGE GENERATOR for LCD GAMMA CORRECTION
logo
Texas Instruments
BUF12800 TI1-BUF12800 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF12800 TI1-BUF12800 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF12800 TI1-BUF12800 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
logo
Burr-Brown (TI)
BUF12800AIPWP BURR-BROWN-BUF12800AIPWP Datasheet
282Kb / 20P
   REFERENCE VOLTAGE GENERATOR for LCD GAMMA CORRECTION
More results

Similar Description - BUF12800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF08832 TI-BUF08832 Datasheet
800Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08821 TI-BUF08821 Datasheet
778Kb / 27P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08630 TI1-BUF08630_14 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF12840 TI1-BUF12840_14 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF18830 TI1-BUF18830 Datasheet
410Kb / 9P
[Old version datasheet]   Programmable GAMMA-VOLTAGE GENERATOR with Two High Slew Rate VCOMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com