Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUF12800 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # BUF12800
Description  Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BUF12800 Datasheet(HTML) 6 Page - Texas Instruments

Back Button BUF12800 Datasheet HTML 2Page - Texas Instruments BUF12800 Datasheet HTML 3Page - Texas Instruments BUF12800 Datasheet HTML 4Page - Texas Instruments BUF12800 Datasheet HTML 5Page - Texas Instruments BUF12800 Datasheet HTML 6Page - Texas Instruments BUF12800 Datasheet HTML 7Page - Texas Instruments BUF12800 Datasheet HTML 8Page - Texas Instruments BUF12800 Datasheet HTML 9Page - Texas Instruments BUF12800 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 31 page
background image
Temperature( C)
°
-
50
-
25
0
25
50
125
120
110
108
106
104
102
100
75
112
114
116
118
100
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
0
256
1024
512
768
InputCode
BKSEL (2V/div)
DACChannel
(2V/div)
1ms/div
780 s
m
9V
5V
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
0
256
1024
512
768
InputCode
Time (2 s/div)
m
Time(1 s/div)
m
BUF08832
SBOS476C
– AUGUST 2009 – REVISED JULY 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = +18V, VSD = +2V, RL = 1.5kΩ connected to ground, and CL = 200pF, unless otherwise noted.
DIGITAL SUPPLY CURRENT vs TEMPERATURE
DIFFERENTIAL LINEARITY ERROR
Figure 7.
Figure 8.
INTEGRAL LINEARITY ERROR
BKSEL SWITCHING TIME DELAY
Figure 9.
Figure 10.
LARGE-SIGNAL STEP RESPONSE
LARGE-SIGNAL STEP RESPONSE, VCOM
Figure 11.
Figure 12.
6
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - BUF12800

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF12800 BURR-BROWN-BUF12800 Datasheet
282Kb / 20P
   REFERENCE VOLTAGE GENERATOR for LCD GAMMA CORRECTION
logo
Texas Instruments
BUF12800 TI1-BUF12800 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF12800 TI1-BUF12800 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF12800 TI1-BUF12800 Datasheet
1Mb / 31P
[Old version datasheet]   Programmable Gamma-Voltage Generator
logo
Burr-Brown (TI)
BUF12800AIPWP BURR-BROWN-BUF12800AIPWP Datasheet
282Kb / 20P
   REFERENCE VOLTAGE GENERATOR for LCD GAMMA CORRECTION
More results

Similar Description - BUF12800

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF08832 TI-BUF08832 Datasheet
800Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08821 TI-BUF08821 Datasheet
778Kb / 27P
[Old version datasheet]   Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08630 TI1-BUF08630_14 Datasheet
1Mb / 35P
[Old version datasheet]   Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF12840 TI-BUF12840_12 Datasheet
395Kb / 26P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF12840 TI1-BUF12840_14 Datasheet
1Mb / 32P
[Old version datasheet]   Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF18830 TI1-BUF18830 Datasheet
410Kb / 9P
[Old version datasheet]   Programmable GAMMA-VOLTAGE GENERATOR with Two High Slew Rate VCOMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com