Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P36106 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # P36106
Description  P36 P36S SERIES ROTARY DIP SWITCHES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

P36106 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  P36106 Datasheet HTML 1Page - List of Unclassifed Manufacturers P36106 Datasheet HTML 2Page - List of Unclassifed Manufacturers P36106 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P
APEM, 63 NECK ROAD, HAVERHILL, MA USA 01835-0788 TOLL FREE: (877) 246-7890 FAX: (978) 372-3534 E-mail: info@apem.com
GENERAL SPECIFICATIONS
ELECTRICALS
Operating voltage
24 VDC max.
Contact rating, static
400 mA max.
Contact rating, dynamic
100 mA max.
Test voltage
250V 50Hz/1 min.
Initial contact resistance
< 100 milliohms
Insulation resistance
> 100 megohms
MECHANICALS, THERMALS
Torque
0.98 inch-oz. min. (0.7 Ncm min.)
Expected life
10,000 switching operations
Contact force
15 grams min.
Operating temperature range
-
50°C to 125°C
SOLDERING RECOMMENDATIONS
Hand soldering
3
50°C max. for 4 seconds max.
(40 watt iron max.)
Wave soldering
2
80°C max. for 5 seconds max.
Reflow soldering (SMT)
2
60°C max. for 10 seconds max.
Solvent washing
Freons or alcohol. (Do not use
chlorinated solvents)
Aqueous cleaning
Deionized water preferred
P36 & P36S SERIES
ROTARY DIP SWITCHES
FEATURES
3 + 3 terminal layout.
Completely sealed for process compatibility.
Ultra-compact size with 10 or 16 positions.
Precision designed detent action.
Thru-hole (P36 Series) & SMT (P36S Series) models.
High reliability & long life.
Clockwise or counterclockwise settable.
Solder coated terminals.
MATERIALS
Base
UL94V-O,
high temperature thermoplastic
Cover
Stainless steel
Actuator
UL94V-O,
high temperature thermoplastic
Contacts
Gold over nickel plated
stainless steel
Terminals
Solder coated brass
Terminal sealing
Molded-in
Actuator seal
'O'-ring
P10
Mechanical outline
P.C. pad layout
Mechanical outline
P.C. hole pattern
Figure 1
Figure 2
Thru-hole and SMT
Model No.
Model No.
Printed Circuit Models
Thru-hole
Surface
Mounting
Mounting
Code (see truth tables pg. G16) Positions
(see fig. 1)
(see fig. 2)
Binary Coded Decimal
10
P36101
P36S101
Complement of BCD
10
P36102
P36S102
Binary Coded Hexadecimal
16
P36103
P36S103
Complement of BCH
16
P36106
P36S106
Outside the U.S. and the UK,
this series is sold as the
CR36 series.


Similar Part No. - P36106

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P36101 ETC2-P36101 Datasheet
344Kb / 2P
   P36 & P36S SERIES ROTARY DIP SWITCHES
More results

Similar Description - P36106

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
P36101 ETC2-P36101 Datasheet
344Kb / 2P
   P36 & P36S SERIES ROTARY DIP SWITCHES
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
   Low-cost Rotary DIP Switches
logo
Copal Electronics
DRS COPAL-DRS Datasheet
802Kb / 4P
   Hyper-Miniature Dip Rotary Switches
logo
C&K Components
CD CK-COMPONENTS-CD_V01 Datasheet
206Kb / 4P
   8mm DIP Coded Rotary Switches
2010
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
   Low Profile Rotary DIP Switches
15 Sep 22
logo
ITT Industries
CD08RM0AK ITT-CD08RM0AK Datasheet
248Kb / 4P
   8mm DIP Coded Rotary Switches
logo
C&K Components
CRE CK-COMPONENTS-CRE Datasheet
1Mb / 4P
   10mm DIP Coded Rotary Switches
2021
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE CK-COMPONENTS-RTE Datasheet
382Kb / 7P
   Low Profile Rotary DIP Switches
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com