Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFR120NTRRPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRFR120NTRRPBF
Description  Ultra Low On-Resistance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR120NTRRPBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRFR120NTRRPBF Datasheet HTML 2Page - International Rectifier IRFR120NTRRPBF Datasheet HTML 3Page - International Rectifier IRFR120NTRRPBF Datasheet HTML 4Page - International Rectifier IRFR120NTRRPBF Datasheet HTML 5Page - International Rectifier IRFR120NTRRPBF Datasheet HTML 6Page - International Rectifier IRFR120NTRRPBF Datasheet HTML 7Page - International Rectifier IRFR120NTRRPBF Datasheet HTML 8Page - International Rectifier IRFR120NTRRPBF Datasheet HTML 9Page - International Rectifier IRFR120NTRRPBF Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
IRFR/U5305PbF
6
www.irf.com
Fig 13b. Gate Charge Test Circuit
Fig 13a. Basic Gate Charge Waveform
Fig 12c. Maximum Avalanche Energy
Vs. Drain Current
QG
QGS
QGD
VG
Charge
-10V
D.U.T.
VDS
ID
IG
-3mA
VGS
.3
µF
50K
.2
µF
12V
Current Regulator
Same Type as D.U.T.
Current Sampling Resistors
0
100
200
300
400
500
600
700
25
50
75
100
125
150
175
J
A
Starting T , Junction Temperature (°C)
V
= -25V
I
TOP
-6.6A
-11A
BOTTOM
-16A
DD
D
Fig 12b. Unclamped Inductive Waveforms
Fig 12a. Unclamped Inductive Test
Circuit
tp
V(BR)DSS
IAS
R G
IAS
0.01
tp
D.U.T
L
VDS
VDD
DRIVER
A
-20V
15V


Similar Part No. - IRFR120NTRRPBF

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
IRFR120NTR UMW-IRFR120NTR Datasheet
536Kb / 7P
   The D-PAK is designed for surface mounting using vapor phase,infraredor wave soldering techniques.
logo
VBsemi Electronics Co.,...
IRFR120NTRPBF VBSEMI-IRFR120NTRPBF Datasheet
979Kb / 7P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - IRFR120NTRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com