Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT11I-A-AI3 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # WT11I-A-AI3
Description  Pinout and Terminal Description
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WT11I-A-AI3 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button WT11I-A-AI3 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT11I-A-AI3 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT11I-A-AI3 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT11I-A-AI3 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT11I-A-AI3 Datasheet HTML 9Page - List of Unclassifed Manufacturers WT11I-A-AI3 Datasheet HTML 10Page - List of Unclassifed Manufacturers WT11I-A-AI3 Datasheet HTML 11Page - List of Unclassifed Manufacturers WT11I-A-AI3 Datasheet HTML 12Page - List of Unclassifed Manufacturers WT11I-A-AI3 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
Bluegiga Technologies Oy
Page 9 of 46
2
Pinout and Terminal Description
WT11i
GND
VDD_PA
PIO2
PIO3
UART_RTS#
UART_RX
PCM_OUT
USB+
USB-
UART_CTS#
PCM_IN
PCM_CLK
PCM_SYNC
GND
GND
AIO
UART_TX
PIO5
SPI_MOSI
SPI_MISO
SPI_CLK
SPI_CS#
PIO4
PIO7
PIO6
RESET
VDD
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
Figure 1: WT11i connection diagram
PIN
NUMBER
PAD TYPE
DESCRIPTION
RESET
17
Input, internal 220kohm
pull-down, internal start
up reset circuitry
Active high reset. Keep high for >5 ms
to cause a reset
GND
1, 14, 15,
28
GND
GND
VDD_PA
2
Supply voltage
Supply voltage for the RF power amplifier
VDD
16
Supply voltage
Supply voltage for BC4 and the flash
memory
Table 2: Supply and RF Terminal Descriptions


Similar Part No. - WT11I-A-AI3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT11I-A-AI4 ETC2-WT11I-A-AI4 Datasheet
203Kb / 3P
   Integrated iWRAP Bluetooth stack
More results

Similar Description - WT11I-A-AI3

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
DSC6021CE1A-00CW MICROCHIP-DSC6021CE1A-00CW Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
DSC6021CI2A-00EM MICROCHIP-DSC6021CI2A-00EM Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
DSC6021CI2A-00EP MICROCHIP-DSC6021CI2A-00EP Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
DSC6021HE2A-00D8 MICROCHIP-DSC6021HE2A-00D8 Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
DSC6021HI2A-00A2 MICROCHIP-DSC6021HI2A-00A2 Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
DSC6023JE1B-01D6 MICROCHIP-DSC6023JE1B-01D6 Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
DSC6023JI2A-00A5 MICROCHIP-DSC6023JI2A-00A5 Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
DSC6023JE1B-01D8 MICROCHIP-DSC6023JE1B-01D8 Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
DSC6021JI2A-00A2 MICROCHIP-DSC6021JI2A-00A2 Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
DSC6021JI2A-009S MICROCHIP-DSC6021JI2A-009S Datasheet
941Kb / 1P
   Pin Configuration and Description
Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com