Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX0841AB3M00 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PX0841AB3M00
Description  USB Buccaneer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX0841AB3M00 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PX0841AB3M00 Datasheet HTML 1Page - List of Unclassifed Manufacturers PX0841AB3M00 Datasheet HTML 2Page - List of Unclassifed Manufacturers PX0841AB3M00 Datasheet HTML 3Page - List of Unclassifed Manufacturers PX0841AB3M00 Datasheet HTML 4Page - List of Unclassifed Manufacturers PX0841AB3M00 Datasheet HTML 5Page - List of Unclassifed Manufacturers PX0841AB3M00 Datasheet HTML 6Page - List of Unclassifed Manufacturers PX0841AB3M00 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.elektron-bulgin.com
55
PX0849/A
PX0849/B
PX0849/A - USB ‘A’ type IP68
connector
PX0849/B - USB ‘B’ type IP68
connector
Leaded with 5 way header
Mates with PX0840 and
PX0841cable connectors
REAR PANEL MOUNTING CONNECTOR
Part No.
Description
PX0849/A
IP68 A type USB, rear panel mounted. Sealed A type at front of panel, 5 way header at rear.
PX0849/B
IP68 B type USB, rear panel mounted. Sealed B type at front of panel, 5 way header at rear.
PX0845/A
PX0845/B
PX0845/A - USB ‘A’ type IP68
connector
PX0845/B - USB ‘B’ type IP68
connector
PCB contacts at rear
Direct PCB mount
Mates with PX0840 and
PX0841cable connectors
REAR PANEL MOUNTING CONNECTOR - PCB DIRECT MOUNT
Part No.
Description
PX0845/A
IP68 A type USB, rear panel mounted. Sealed A type at front of panel, direct mount PCB contacts at rear.
PX0845/B
IP68 B type USB, rear panel mounted. Sealed B type at front of panel, direct mount PCB contacts at rear.
USB Buccaneer®
PX0848/A
PX0848/B
PX0848/A - USB ‘A’ type IP68
connector
PX0848/B - USB ‘B’ type IP68
connector
Opposite connector to rear of
panel
Mates with PX0840 and PX0841
cable connectors
REAR PANEL MOUNTING CONNECTOR
Part No.
Description
PX0848/A
IP68 A type USB, rear panel mounted. Sealed A type at front of panel, standard B type at rear.
PX0848/B
IP68 B type USB, rear panel mounted. Sealed B type at front of panel, standard A type at rear.
BUCCANEER FOR DATA
Conns4 - Buccaneer 2010 - Data:Conns4 - Buccaneer 2005v8
8/6/10
16:38
Page 55


Similar Part No. - PX0841AB3M00

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0841/AB/2M00 BULGIN-PX0841/AB/2M00 Datasheet
552Kb / 6P
   USB Buccaneer짰
PX0841/AB/3M00 BULGIN-PX0841/AB/3M00 Datasheet
552Kb / 6P
   USB Buccaneer짰
PX0841/AB/5M00 BULGIN-PX0841/AB/5M00 Datasheet
552Kb / 6P
   USB Buccaneer짰
More results

Similar Description - PX0841AB3M00

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0441 BULGIN-PX0441 Datasheet
300Kb / 5P
   IP68 Sealed - Mini USB Buccaneer
logo
List of Unclassifed Man...
PX0416 ETC2-PX0416 Datasheet
204Kb / 4P
   SMB Buccaneer
logo
Elektron Components Ltd...
PX0407 BULGIN-PX0407 Datasheet
65Kb / 1P
   Buccaneer Antenna
logo
List of Unclassifed Man...
SA3350 ETC2-SA3350 Datasheet
1Mb / 6P
   400 Series Buccaneer
SA3150 ETC2-SA3150 Datasheet
153Kb / 4P
   Mini Buccaneer
PX0413 ETC2-PX0413 Datasheet
95Kb / 2P
   400 Series Buccaneer
PX0731 ETC2-PX0731 Datasheet
3Mb / 9P
   BUCCANEER FOR POWER
4000SERIES ETC2-4000SERIES Datasheet
1Mb / 6P
   4000 Series Buccaneer
logo
PHOENIX CONTACT
2986135 PHOENIX-2986135 Datasheet
57Kb / 3P
   USB cable - CABLE-USB/MINI-USB-3,0M
09/12/2020
logo
List of Unclassifed Man...
PL-2301 ETC1-PL-2301 Datasheet
27Kb / 1P
   USB TO USB BRIDGE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com