Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX06951563 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PX06951563
Description  EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX06951563 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PX06951563 Datasheet HTML 1Page - List of Unclassifed Manufacturers PX06951563 Datasheet HTML 2Page - List of Unclassifed Manufacturers PX06951563 Datasheet HTML 3Page - List of Unclassifed Manufacturers PX06951563 Datasheet HTML 4Page - List of Unclassifed Manufacturers PX06951563 Datasheet HTML 5Page - List of Unclassifed Manufacturers PX06951563 Datasheet HTML 6Page - List of Unclassifed Manufacturers PX06951563 Datasheet HTML 7Page - List of Unclassifed Manufacturers PX06951563 Datasheet HTML 8Page - List of Unclassifed Manufacturers PX06951563 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
www.elektron-bulgin.com
73
IEC CONNECTORS
IEC
Connectors
A full range of quality mains rated inlets, outlets and connectors
conforming to IEC and EN 60320 specifications carrying UL, CSA, VDE
and other approvals. With electrical ratings up to 20A, 250V (UL) these
connector ranges offer solutions to most mains powered equipment and
cable applications. The combinations of mounting styles and terminations
include: flange fixing, snap to panel and PCB mounting versions together
with 2.8/solder tabs, 4.8 and 6.3 faston tabs, screw terminal and PC spill
versions. Completing the range are insulating boots, retaining clips and
safety covers.
In addition to the standard black moulding, most styles are also available
in either white or grey and special colours to match OEM equipment can
also be supplied.
Type
Page
IEC Power Inlets & Connectors
PX0587
Sheet C13 Rewirable
76
PX0587/SE
Sheet C13 Rewirable
76
PX0588
Sheet C13 Rewirable
76
PX0575
Sheet C14 Snap Fit
77
PX0579
Sheet C14 Vertical Flange
78
PX0580
Sheet C14 Flange/PC Mount
78
PX0580/PC
Sheet C14 PC Mount
79
PF0001
Sheet C14 Single Fuse
80
PF0002
Sheet C14 Single Fuse
80
PF0011
Sheet C14 Single Fuse
81
PF0030
Sheet C14 Twin Fuse
82
PF0033
Sheet C14 Twin Fuse
82
PX0597
Sheet C15 Hot Condition
83
PX0590
Sheet C16 Hot Condition
83
PX0595
Sheet C16 Hot Condition
83
PX0690
Sheet C18 Flange Mount
84
PX0691
Sheet C18 Snap Fit
84
PF0006
Sheet C18 Single Fuse
85
PF0007
Sheet C18 Single Fuse
85
PF0016
Sheet C18 Single Fuse
85
Type
Page
IEC Power Outlets & Plug Connectors
PX0685
Sheet E Rewirable
86
PX0686
Sheet E Rewirable
86
PX0686/SE
Sheet E Rewirable
86
PX0716
Sheet F Snap Fit
87
PX0718
Sheet F Snap Fit
87
PX0717
Sheet F Snap Fit
88
PX0578
Flange Mount
88
PX0675
Sheet F Flange Mount
89
PX0695
Sheet F Snap Fit
90
PX0783
Sheet F Snap Fit Shuttered
91
PX0793
Sheet F Flange Mount Shuttered
91
PX0793/1
Sheet F Flange Mount Shuttered
91
PX0705
Sheet H Flange Mount
92
PX0725
Sheet H Snap Fit
92
IEC Power Inlets & Connectors - High Current
PX0599
Sheet C19 Rewirable
93
PX0596
Sheet C20 Flange Mount
93
PX0598
Sheet C20 Snap Fit
93
IEC Power Outlets - High Current
PX0591
Sheet J Flange Mount
94
PX0592
Sheet J Snap Fit
94
PX0594
Sheet I Cable Connector
94
Accessories
95-97


Similar Part No. - PX06951563

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0695 BULGIN-PX0695 Datasheet
1Mb / 26P
   POLYSNAP짰 POWER INLET MODULES
PX0695 BULGIN-PX0695 Datasheet
85Kb / 1P
   Accessories
PX0695 BULGIN-PX0695 Datasheet
103Kb / 1P
   EN60 320-2-2 Standard Sheet F Class I
PX0695/10/28 BULGIN-PX0695/10/28 Datasheet
103Kb / 1P
   EN60 320-2-2 Standard Sheet F Class I
PX0695/10/PC BULGIN-PX0695/10/PC Datasheet
103Kb / 1P
   EN60 320-2-2 Standard Sheet F Class I
More results

Similar Description - PX06951563

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0587 BULGIN-PX0587 Datasheet
111Kb / 1P
   EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
logo
List of Unclassifed Man...
PX057510PC ETC2-PX057510PC Datasheet
95Kb / 2P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition
logo
Elektron Components Ltd...
PX0575 BULGIN-PX0575 Datasheet
94Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition
PX0580 BULGIN-PX0580 Datasheet
99Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition
PX0716 BULGIN-PX0716 Datasheet
116Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition & EN60 320-2-2 Standard Sheet F Class I Cold Condtion
PF0001 BULGIN-PF0001 Datasheet
106Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PF0011 BULGIN-PF0011 Datasheet
98Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PX0599 BULGIN-PX0599 Datasheet
111Kb / 1P
   EN60 320-1 Standard Sheet C19 Class I & Standard Sheet C20 Class I Cold Condition
PX0690 BULGIN-PX0690 Datasheet
121Kb / 1P
   EN60 320-1 Standard Sheet C18 Class II Cold Condition
PF0030 BULGIN-PF0030 Datasheet
125Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused, Twin)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com