Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX0686SE Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # PX0686SE
Description  EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX0686SE Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button PX0686SE Datasheet HTML 4Page - List of Unclassifed Manufacturers PX0686SE Datasheet HTML 5Page - List of Unclassifed Manufacturers PX0686SE Datasheet HTML 6Page - List of Unclassifed Manufacturers PX0686SE Datasheet HTML 7Page - List of Unclassifed Manufacturers PX0686SE Datasheet HTML 8Page - List of Unclassifed Manufacturers PX0686SE Datasheet HTML 9Page - List of Unclassifed Manufacturers PX0686SE Datasheet HTML 10Page - List of Unclassifed Manufacturers PX0686SE Datasheet HTML 11Page - List of Unclassifed Manufacturers PX0686SE Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
www.elektron-bulgin.com
80
IEC CONNECTORS
PF0001/28
PF0002/28
EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PF0001/PC
Single Fuse 5 x 20mm
Spare Fuse Facility
2.8, 4.8 or 6.3mm Tabs
10A, 250V a.c.
Fuse Contacts Isolated
(PF0002)
Single Fuse 5 x 20mm
Spare Fuse Facility
PC Spills - Horizontal
10A, 250V a.c.
Specification
PF0001/Term/Col
PF0001/PC/Col
PF0002/Term/Col
Fixing:
Flange
P.C.B./Flange
Flange
Terminations:
/28 (2.8mm solder), /48 (4.8mm tab)
P.C. Spills
/28 (2.8mm solder), /48 (4.8mm tab)
/63 (6.3mm tab)
/63 (6.3mm tab)
Colours:
No suffix (Black), /WH (White), /GY (Grey)
No suffix (Black), /WH (White), /GY (Grey) No suffix (Black), /WH (White), /GY (Grey)
Max. Rating:
10A, 250V a.c.
10A, 250V a.c.
10A, 250V a.c.
Max. Fuse Rating:
2.5W/10A, 250V a.c.
2.5W/10A, 250V a.c
2.5W/10A, 250V a.c
Contact Resistance:
<10m
Ω (<15mΩ including
<10m
Ω (<15mΩ including
<10m
Fuseholder)
Fuseholder)
Insulation Resistance:
>103 M
>103 M
>103 M
A.C. Breakdown:
Pole-Pole 5.5kV. Poles-Panel 4kV
Pole-Pole 5.5kV. Poles-Panel 4kV
Pole-Pole 5.5kV. Poles-Panel 4kV
Operating Temp. Range:
–40˚C to +70˚C
–40˚C to +70˚C
–40˚C to +70˚C
Max. Pin Temp.:
+70˚C
+70˚C
+70˚C
Mouldings:
Nylon, Flammability Rating UL94V-0
Nylon, Flammability Rating UL94V-0
Nylon, Flammability Rating UL94V-0
Contacts:
Brass: Pins, Nickel Plated. Tabs, Tin
Brass: Pins, Nickel Plated. Tabs, Tin
Brass: Pins, Nickel Plated. Tabs, Tin
Plated
Plated
Plated
Approvals:
Accessories / Notes:
P.No. 11987, KT0009
KT0009 (front of panel mounting only)
P.No. 11987, KT0009 (See Pages 95 & 97)
(See Pages 95 & 97)
(See Page 95)
(Note: Fuse contact isolated)
Mating Connectors:
PX0587, PX0587/SE, PX0588
PX0587, PX0587/SE, PX0588
PX0587, PX0587/SE, PX0588
Compliant
Compliant
Compliant
FLANGE MOUNT FUSED INLET
PC FLANGE MOUNT FUSED INLET


Similar Part No. - PX0686SE

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0686 BULGIN-PX0686 Datasheet
117Kb / 1P
   EN60 320-2-2 Standard Sheet E Class I Rewirable
PX0686 BULGIN-PX0686 Datasheet
116Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition & EN60 320-2-2 Standard Sheet F Class I Cold Condtion
PX0686/SE BULGIN-PX0686/SE Datasheet
117Kb / 1P
   EN60 320-2-2 Standard Sheet E Class I Rewirable
PX0686/SE BULGIN-PX0686/SE Datasheet
116Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition & EN60 320-2-2 Standard Sheet F Class I Cold Condtion
More results

Similar Description - PX0686SE

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0587 BULGIN-PX0587 Datasheet
111Kb / 1P
   EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
logo
List of Unclassifed Man...
PX057510PC ETC2-PX057510PC Datasheet
95Kb / 2P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition
logo
Elektron Components Ltd...
PX0575 BULGIN-PX0575 Datasheet
94Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition
PX0580 BULGIN-PX0580 Datasheet
99Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition
PX0716 BULGIN-PX0716 Datasheet
116Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition & EN60 320-2-2 Standard Sheet F Class I Cold Condtion
PF0001 BULGIN-PF0001 Datasheet
106Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PF0011 BULGIN-PF0011 Datasheet
98Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PX0599 BULGIN-PX0599 Datasheet
111Kb / 1P
   EN60 320-1 Standard Sheet C19 Class I & Standard Sheet C20 Class I Cold Condition
PX0690 BULGIN-PX0690 Datasheet
121Kb / 1P
   EN60 320-1 Standard Sheet C18 Class II Cold Condition
PF0030 BULGIN-PF0030 Datasheet
125Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused, Twin)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com