Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PX0686SE Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PX0686SE
Description  EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PX0686SE Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PX0686SE Datasheet HTML 7Page - List of Unclassifed Manufacturers PX0686SE Datasheet HTML 8Page - List of Unclassifed Manufacturers PX0686SE Datasheet HTML 9Page - List of Unclassifed Manufacturers PX0686SE Datasheet HTML 10Page - List of Unclassifed Manufacturers PX0686SE Datasheet HTML 11Page - List of Unclassifed Manufacturers PX0686SE Datasheet HTML 12Page - List of Unclassifed Manufacturers PX0686SE Datasheet HTML 13Page - List of Unclassifed Manufacturers PX0686SE Datasheet HTML 14Page - List of Unclassifed Manufacturers PX0686SE Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
www.elektron-bulgin.com
83
IEC CONNECTORS
EN60 320-1 Standard Sheet C15 Class I & Standard Sheet C16 Class I Hot Condition
PX0590/28
PX0595/10/28
Hot Condition
2.8 or 6.3mm Tabs
10A, 250V a.c.
(15A, 250V a.c. UL & CSA)
Hot Condition
Panel Sizes 1, 1.5, 2.0 or
3.0mm
2.8, 4.8, 6.3mm Tabs or
Screw Terminals
10A, 250V a.c.
(15A, 250V a.c. UL & CSA)
Specification
PX0597/Col
PX0590/Term/Col
PX0595/Panel/Term/Col
Fixing (Panel):
Flange
Snap fit, /10 (1mm), /15 (1.5mm),
/20 (2mm), /30 (3mm)
Terminations:
Screw Terminals
/28 (2.8mm solder), /63 (6.3mm tab)
/28 (2.8mm solder), /48 (4.8mm tab)
/63 (6.3mm tab), /TERM (screw)
Colours:
No suffix (Black), /WH (White), /GY (Grey)
No suffix (Black), /WH (White), /GY (Grey)
No suffix (Black), /WH (White), /GY (Grey)
Max. Rating:
10A, 250V a.c.
10A, 250V a.c.
10A, 250V a.c.
(UL & CSA 15A, 250V a.c.)
(UL & CSA 15A, 250V a.c.)
Contact Resistance:
<10m
<10m
<10m
Insulation Resistance:
>103 M
>103 M
>103 M
A.C. Breakdown:
Pole-Pole 4.5kV. Poles-Accessible
Pole-Pole 5kV. Poles-Panel 10kV
Pole-Pole 5kV. Poles-Panel 5.4kV
Parts 4kV
Operating Temp. Range:
–40˚C to +70˚C
–40˚C to +70˚C
–40˚C to +70˚C
Max. Pin Temp.:
+120˚C
+120˚C
Withdrawal Force:
10N (Min.) 50N (Max.)
Mouldings:
Nylon, Flammability Rating UL94V-0
Nylon, Flammability Rating UL94V-0
Nylon, Flammability Rating UL94V-0
Contacts:
Brass, Clean
Brass, Pins Nickel Plated. Tabs, Tin Plated
Brass, Pins Nickel Plated. Tabs, Tin Plated
Approvals:
Accessories/Notes:
P.No. 11328, KT0006 (See Pages 95 & 97)
P.No. 11328 (See Page 97)
Mating Connectors:
PX0590, PX0595
PX0597
PX0597
Compliant
Compliant
Compliant
FLANGE MOUNT INLET
SNAP FIT TO PANEL INLET
PX0597
Cable Mounting
Hot Condition
Mates with PX0590 and
PX0595
Screw Terminals
10A, 250V a.c.
STRAIGHT FEMALE CONNECTOR


Similar Part No. - PX0686SE

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0686 BULGIN-PX0686 Datasheet
117Kb / 1P
   EN60 320-2-2 Standard Sheet E Class I Rewirable
PX0686 BULGIN-PX0686 Datasheet
116Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition & EN60 320-2-2 Standard Sheet F Class I Cold Condtion
PX0686/SE BULGIN-PX0686/SE Datasheet
117Kb / 1P
   EN60 320-2-2 Standard Sheet E Class I Rewirable
PX0686/SE BULGIN-PX0686/SE Datasheet
116Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition & EN60 320-2-2 Standard Sheet F Class I Cold Condtion
More results

Similar Description - PX0686SE

ManufacturerPart #DatasheetDescription
logo
Elektron Components Ltd...
PX0587 BULGIN-PX0587 Datasheet
111Kb / 1P
   EN60 320-1 Standard Sheet C13 Class I Rewirable Cold Condition
logo
List of Unclassifed Man...
PX057510PC ETC2-PX057510PC Datasheet
95Kb / 2P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition
logo
Elektron Components Ltd...
PX0575 BULGIN-PX0575 Datasheet
94Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition
PX0580 BULGIN-PX0580 Datasheet
99Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition
PX0716 BULGIN-PX0716 Datasheet
116Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition & EN60 320-2-2 Standard Sheet F Class I Cold Condtion
PF0001 BULGIN-PF0001 Datasheet
106Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PF0011 BULGIN-PF0011 Datasheet
98Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused)
PX0599 BULGIN-PX0599 Datasheet
111Kb / 1P
   EN60 320-1 Standard Sheet C19 Class I & Standard Sheet C20 Class I Cold Condition
PX0690 BULGIN-PX0690 Datasheet
121Kb / 1P
   EN60 320-1 Standard Sheet C18 Class II Cold Condition
PF0030 BULGIN-PF0030 Datasheet
125Kb / 1P
   EN60 320-1 Standard Sheet C14 Class I Cold Condition (Fused, Twin)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com