Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFC200-45 Datasheet(PDF) 2 Page - RSG Electronic Components GmbH

Part # PFC200-45
Description  200 WATT POWER FACTOR CORRECTED SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PFC200-45 Datasheet(HTML) 2 Page - RSG Electronic Components GmbH

  PFC200-45 Datasheet HTML 1Page - RSG Electronic Components GmbH PFC200-45 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNIVERSAL INPUT
PFC200 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Maximum
(1)(5)
Output #1
Output #2 (2)
Output #3
Output #4 (3)
Output
MODEL
Vnom. Imin.
Imax.
Tol.
Vnom. Imin.
Imax. Tol.
Vnom. Imin.
Imax. Tol.
Vnom. Imin.
Imax. Tol.
Power (4)
PFC200-10
5V
3.0A
40A
2%
(N/A)
(N/A)
(N/A)
200W
PFC200-12
12V
1.2A
16.7A
2%
(N/A)
(N/A)
(N/A)
200W
PFC200-13
15V
1.0A
13.4A
2%
(N/A)
(N/A)
(N/A)
200W
PFC200-14
24V
0.6A
8.4A
2%
(N/A)
(N/A)
(N/A)
200W
PFC200-16
30V
0.5A
6.7A
2%
(N/A)
(N/A)
(N/A)
200W
PFC200-18
48V
0.5A
4.2A
2%
(N/A)
(N/A)
(N/A)
200W
PFC200-23
+5V
3.0A
30A
2%
+12V
0A
8A
4%
(N/A)
(N/A)
200W
PFC200-24
+5V
3.0A
30A
2%
+15V
0A
6A
4%
(N/A)
(N/A)
200W
PFC200-25
+5V
3.0A
30A
2%
+24V
0A
4A
4%
(N/A)
(N/A)
200W
PFC200-30
+5V
3.0A
30A
2%
+12V
0A
8A
4%
-5V
0A
6A
4%
(N/A)
200W
PFC200-31
+5V
3.0A
30A
2%
+12V
0A
8A
4%
-12V
0A
4A
4%
(N/A)
200W
PFC200-32
+5V
3.0A
30A
2%
+15V
0A
6A
4%
-15V
0A
4A
4%
(N/A)
200W
PFC200-33
+5V
3.0A
30A
2%
+15V
0A
6A
4%
-12V
0A
4A
4%
(N/A)
200W
PFC200-40
+5V
3.0A
30A
2%
+12V
0A
8A
4%
-12V
0A
4A
4%
5V
0A
6A
4%
200W
PFC200-41
+5V
3.0A
30A
2%
+15V
0A
6A
4%
-15V
0A
4A
4%
24V
0A
4A
4%
200W
PFC200-42
+5V
3.0A
30A
2%
+12V
0A
8A
4%
-12V
0A
4A
4%
12V
0A
4A
4%
200W
PFC200-44
+5V
3.0A
30A
2%
+12V
0A
8A
4%
-15V
0A
4A
4%
15V
0A
4A
4%
200W
PFC200-45
+5V
3.0A
30A
2%
+12V
0A
8A
4%
-12V
0A
4A
4%
24V
0A
4A
4%
200W
NOTES:
1.
Add suffix “B” for U-bracket format and “C” for enclosed format, e.g. PFC200-45C.
2.
Peak current is 12A on +12V, 9A on +15V and 6A on +24V.
3.
Output #4 is floating. It can be connected externally for positive or negative output.
4.
200 watts for “C” version with a cover-and-fan assembly. 150 watts for “B” version without moving air
(maximum current of output #1 & #2 derated to 70%), or 200 watts with 25 CFM forced air provided by user.
5.
All models may be operated at no-load. At no-load, output voltage tolerance increases to 10%. The output #1
of multiple output models requires 3A to support other outputs at their maximum rated loads.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimension shown in inch [mm]
2.
Tolerance 0.02 [ 0.5] maximum
3.
Input connector P1 is Beau Inc. P/N 72-5-03C, output
connector P2 is Beau Inc. P/N 72-5-09C, Screws are #6-32
on 0.375 in centers.
4.
Connector P3 mates with Molex housing 22-01-1043 and
Molex 40445 series crimp terminal.
5.
Connector P4 mates with Molex housing 22-01-1023 and
Molex 40445 series crimp terminal.
6.
P4 is for DC fan rated 24V/0.12A ( models
PFC200-14,-16,-25),or 12V/0.2A ( other models).
7.
Weight:
1.30 kgs. (2.86 lbs.) approx. for “B” version
PIN CHART
P1
P2
P3
1
2
3
1, 2
3, 4, 5
6
7
8
9
1
2
3
4
PFC200-10
PFC200-13
PFC200-16
PFC200-12
PFC200-14
PFC200-18
AC
LIVE
AC
NEUTRAL
AC
GROUND
-SENSE
RET.
OUTPUT
#1
OUTPUT
#1
OUTPUT
#1
+SENSE
FAN
COM.
RET.
COM.
RET.
PFD
PFC200-23
PFC200-25
PFC200-24
AC
LIVE
AC
NEUTRAL
AC
GROUND
OUTPUT
#1
COM.
RET.
OUTPUT
#2
N.C.
N.C.
N.C.
FAN
COM.
RET.
COM.
RET.
PFD
PFC200-30
PFC200-32
PFC200-31
PFC200-33
AC
LIVE
AC
NEUTRAL
AC
GROUND
OUTPUT
#1
COM.
RET.
OUTPUT
#2
OUTPUT
#3
N.C.
N.C.
FAN
COM.
RET.
COM.
RET.
PFD
PFC200-40
PFC200-42
PFC200-45
PFC200-41
PFC200-44
AC
LIVE
AC
NEUTRAL
AC
GROUND
OUTPUT
#1
COM.
RET.
OUTPUT
#2
OUTPUT
#3
OUTPUT
#4
RETURN
OUTPUT
#4
FAN
COM.
RET.
COM.
RET.
PFD
CONN
PIN
MODEL
1-28
1.50 kgs. (3.30 lbs.) approx. for “C” version


Similar Part No. - PFC200-45

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
PFC200-45 TRUMPOWER-PFC200-45 Datasheet
139Kb / 2P
   200 WATT POWER FACTOR CORRECTED SUPPLIES
logo
RSG Electronic Componen...
PFC200-45 RSG-PFC200-45 Datasheet
180Kb / 2P
   200 WATT POWER FACTOR CORRECTED SUPPLIES
More results

Similar Description - PFC200-45

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PFC200 RSG-PFC200 Datasheet
180Kb / 2P
   200 WATT POWER FACTOR CORRECTED SUPPLIES
logo
Tumbler Technologies + ...
PFC200 TRUMPOWER-PFC200 Datasheet
139Kb / 2P
   200 WATT POWER FACTOR CORRECTED SUPPLIES
PFC350 TRUMPOWER-PFC350 Datasheet
173Kb / 3P
   350 WATT POWER FACTOR CORRECTED SUPPLIES
logo
RSG Electronic Componen...
PFC160 RSG-PFC160 Datasheet
714Kb / 3P
   160 WATT POWER FACTOR CORRECTED SUPPLIES
PFC400 RSG-PFC400 Datasheet
122Kb / 2P
   400 WATT POWER FACTOR CORRECTED SUPPLIES
PFC350 RSG-PFC350 Datasheet
220Kb / 3P
   350WATT POWER FACTOR CORRECTED SUPPLIES
logo
SL Power Electronics
TCM-1000 SLPOWER-TCM-1000 Datasheet
125Kb / 2P
   1000 WATTS POWER FACTOR CORRECTED POWER FACTOR CORRECTED
PCI-200 SLPOWER-PCI-200 Datasheet
123Kb / 2P
   200 WATTS POWER FACTOR CORRECTED MULTIPLE OUTPUT
logo
Tyco Electronics
6EUP MACOM-6EUP Datasheet
468Kb / 2P
   RFI Filter for Power Factor Corrected Power Supplies
6EUP MACOM-6EUP_11 Datasheet
165Kb / 2P
   RFI Filter for Power Factor Corrected Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com