Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PU65-12 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # PU65-12
Description  50-65 WATT SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PU65-12 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  PU65-12 Datasheet HTML 1Page - RSG Electronic Components GmbH PU65-12 Datasheet HTML 2Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50-65 WATT SWITCHING POWER SUPPLIES
DES C RIP T IO N
The PU65 series of compact, open PCB constructed,
AC-DC switching power supplies are capable of delivering
50 to 65 watts of continuous output power. They operate at
85 to 264VAC input voltage without the need of voltage
selection. They are ideally suited for use in today’s CRT
terminals,
disc
drive
systems,
microprocessor
based
systems, portable equipment and many other applications.
All models meet the safety requirements of UL, CSA and
IEC.
FE AT URES
‧ Recogniz e d or cert i fied b y UL, CS A and TÜV
‧ Small s i ze, l i ght w e ight
‧ 100 % b u rn-in
‧ Wide input range 85 to 2 64VA C
‧ Input surge current p r otection
‧ Ov er v o l tage protection
‧ O v ercurrent protection
‧ Compliant w i th RoHS req u irements
PU65 SERIES
Saf e t y Sta n da rd A ppr o va l s :
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
65 watts maximum
Ripple and noise:
1﹪peak to peak maximum
Overvoltage protection:
Provided on output #1 only; set at
112-132﹪of its nominal output
voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient:
All outputs ±0.04﹪/℃ maximum
Transient response:
Maximum excursion of 4﹪ or
better on all models, recovering to
1﹪ of final value within 500us
after a 25﹪ step load change
ENVI RONME N TA L S PECI F I C AT IONS
Operating temperature:
0
to +70
℃℃
Storage temperature:
-40
to +85
℃℃
Relative humidity:
5﹪ to 95﹪ non-condensing
Derating:
Derate from 100﹪ at +50℃
linearly to 50﹪ at +70℃
GENERAL SPECIFICATIONS
Switching frequency:
32KHz
± 5KHz
Efficiency:
70﹪minimum on single output models
withVo ≧ 12V, 65% minimum on the
others
Hold-up time:
10 msec minimum at 110VAC
Line regulation:
±0.5﹪maximum at full load
Inrush current:
15 amps @ 115VAC or 30 amps
@ 230VAC, at 25℃
cold start
Withstand voltage:
3000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
400,000 hours minimum at full load at
25℃
ambient, calculated per
MIL-HDBK-217F
EMC Performance (EN55024)
EN55022:
Class B conducted, class B radiated
FCC:
Class B conducted, class B radiated
VCCI:
Class B conducted, class B radiated
EN61000-3-2:
Harmonic distortion, class A
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ± 8KV air and ± 4KV contact
EN61000-4-3:
Radiated immunity, 3V/m
EN61000-4-4:
Fast transient/burst, ± 1KV
EN61000-4-5:
Surge, ± 1KV diff., ± 2KV com.
EN61000-4-6:
Conducted immunity, 3Vrms
EN61000-4-8:
Magnetic field immunity, 1A/m
EN61000-4-11:
Voltage dips, 30% reduction for
500ms and >95% reduction for 10ms
1-5
(LVD
)
UL 60950-1
File No. E137410
CSA C22.2 No. 60950-1
File No. LR93632
TÜV EN60950-1
Certificate No. R9172041
I N PUT S P E C IF ICAT ION S
Input voltage:
85 to 264VAC
Input frequency:
47 to 63Hz
Input current:
1.60A(rms)for 115VAC
1.00A(rms)for 230VAC
Earth leakage current:
(Touch current)
0.47mA max. @ 115VAC, 60Hz
0.85mA max. @ 230VAC, 50Hz
RoHS


Similar Part No. - PU65-12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PU65-12 RSG-PU65-12 Datasheet
169Kb / 2P
   65 WATT SWITCHING POWER SUPPLIES
More results

Similar Description - PU65-12

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PU66 RSG-PU66 Datasheet
600Kb / 2P
   65 WATT SWITCHING POWER SUPPLIES
PU65 RSG-PU65 Datasheet
169Kb / 2P
   65 WATT SWITCHING POWER SUPPLIES
logo
Protek Devices
PM66 PROTEC-PM66 Datasheet
704Kb / 2P
   51-65 WATT MEDICAL SWITCHING POWER SUPPLIES
logo
Tumbler Technologies + ...
TM66 TRUMPOWER-TM66 Datasheet
244Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
PU200 TRUMPOWER-PU200 Datasheet
133Kb / 2P
   200 WATT SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU30SL RSG-PU30SL Datasheet
161Kb / 2P
   30 WATT SWITCHING POWER SUPPLIES
PU40SL RSG-PU40SL Datasheet
164Kb / 2P
   40 WATT SWITCHING POWER SUPPLIES
PU110 RSG-PU110 Datasheet
179Kb / 2P
   110 WATT SWITCHING POWER SUPPLIES
logo
Tumbler Technologies + ...
PU150 TRUMPOWER-PU150 Datasheet
158Kb / 3P
   150 WATT SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com