Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELJRF39NFB Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ELJRF39NFB
Description  Chip Inductors High Frequency Use (Non Magnetic Core)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELJRF39NFB Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ELJRF39NFB Datasheet HTML 1Page - Panasonic Semiconductor ELJRF39NFB Datasheet HTML 2Page - Panasonic Semiconductor ELJRF39NFB Datasheet HTML 3Page - Panasonic Semiconductor ELJRF39NFB Datasheet HTML 4Page - Panasonic Semiconductor ELJRF39NFB Datasheet HTML 5Page - Panasonic Semiconductor ELJRF39NFB Datasheet HTML 6Page - Panasonic Semiconductor ELJRF39NFB Datasheet HTML 7Page - Panasonic Semiconductor ELJRF39NFB Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Chip Inductors)
2.0 to 2.6
0.8 to 1.0
1.6
0.8
0.3
0.3
RE Type 1608 (0603)
Recommended Land Pattern in mm (not to scale)
Dimensions in mm (not to scale)
Standard Packing Quantity
● 3000 pcs./Reel
Part No.
Inductance
Q
SRF ✽1
(MHz) min.
RDC ✽2
(
Ω) max.
DC Current
(mA) max.
(nH)
Tolerance (%)
Test Freq.
(MHz)
min.
Test Freq.
(MHz)
ELJRE1N0
□FA
1.0
D : ±0.3 nH
Z : ±0.2 nH
100
7
100
6000
0.05
500
ELJRE1N2
□FA
1.2
6000
0.06
500
ELJRE1N5
□FA
1.5
8
6000
0.07
500
ELJRE1N8
□FA
1.8
6000
0.08
500
ELJRE2N2
□FA
2.2
6000
0.09
500
ELJRE2N7
□FA
2.7
6000
0.10
500
ELJRE3N3
□FA
3.3
9
5500
0.12
500
ELJRE3N9
□FA
3.9
J : ±5 %
5500
0.15
450
ELJRE4N7
□FA
4.7
4800
0.17
450
ELJRE5N6
□FA
5.6
4600
0.18
430
ELJRE6N8
□FA
6.8
3550
0.20
430
ELJRE8N2
□FA
8.2
3500
0.28
400
ELJRE10N
□FA
10
G : ±2 %
10
2800
0.32
400
ELJRE12N
□FA
12
2800
0.35
400
ELJRE15N
□FA
15
2500
0.41
350
ELJRE18N
□FA
18
2300
0.45
350
ELJRE22N
□FA
22
2000
0.50
300
ELJRE27N
□FA
27
2000
0.55
300
ELJRE33N
□FA
33
1800
0.60
300
ELJRE39N
□FA
39
11
1800
0.80
300
ELJRE47N
□FA
47
1800
0.95
250
ELJRE56N
□FA
56
12
1800
1.20
250
ELJRE68N
□FA
68
1500
1.30
250
ELJRE82N
□FA
82
1500
1.50
250
ELJRER10
□FA
100
1300
1.80
200
ELJRER12
□FA
120
25.2
5
25.2
1200
3.00
130
ELJRER15
□FA
150
1100
4.50
100
ELJRER18
□FA
180
4
1000
6.50
80
ELJRER22
□FA
220
900
7.50
70
Standard Parts (E12 series)
✽1 : Self Resonant Frequency ✽2 : DC Resistance
□ : Symbol of Tolerance
Nov. 2013
02
5


Similar Part No. - ELJRF39NFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJRF39NFB PANASONIC-ELJRF39NFB Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJRF39NFB PANASONIC-ELJRF39NFB Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRF39NFB PANASONIC-ELJRF39NFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJRF39NFB PANASONIC-ELJRF39NFB Datasheet
203Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJRF39NFB PANASONIC-ELJRF39NFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
More results

Similar Description - ELJRF39NFB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELJ-RE33NJFA PANASONIC-ELJ-RE33NJFA Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJJRF PANASONIC-ELJJRF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-RF5N6DFB PANASONIC-ELJ-RF5N6DFB Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-EA331KF PANASONIC-ELJ-EA331KF Datasheet
203Kb / 8P
   Chip Inductors High Frequency Use (Non Magnetic Core)
ELJ-NCR18JF PANASONIC-ELJ-NCR18JF Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core)
ELJRF1N0FB PANASONIC-ELJRF1N0FB Datasheet
162Kb / 8P
   High Frequency Use Non Magnetic Core RF RE ND NC NA
ELJNDR10JF PANASONIC-ELJNDR10JF Datasheet
92Kb / 5P
   1. High Frequency Use (Non Magnetic Core) RF, ND, NC, NA
ELJRF10NJFB PANASONIC-ELJRF10NJFB Datasheet
162Kb / 8P
   High Frequency Use (Non Magnetic Core) RF, RE, ND, NC, NA RoHS compliant
logo
TRIAD MAGNETICS
RC-2 TRIAD-RC-2_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
RC-3 TRIAD-RC-3_13 Datasheet
104Kb / 1P
   Switchmode/ High Frequency Rod Core Inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com