Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PBA30F Datasheet(PDF) 10 Page - RSG Electronic Components GmbH

Part # PBA30F
Description  AC-DC Power Supplies Enclosed type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

PBA30F Datasheet(HTML) 10 Page - RSG Electronic Components GmbH

Back Button PBA30F_14 Datasheet HTML 6Page - RSG Electronic Components GmbH PBA30F_14 Datasheet HTML 7Page - RSG Electronic Components GmbH PBA30F_14 Datasheet HTML 8Page - RSG Electronic Components GmbH PBA30F_14 Datasheet HTML 9Page - RSG Electronic Components GmbH PBA30F_14 Datasheet HTML 10Page - RSG Electronic Components GmbH PBA30F_14 Datasheet HTML 11Page - RSG Electronic Components GmbH PBA30F_14 Datasheet HTML 12Page - RSG Electronic Components GmbH PBA30F_14 Datasheet HTML 13Page - RSG Electronic Components GmbH PBA30F_14 Datasheet HTML 14Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
[0.79]
[0.55]
[0.85]
[0.43]
[0.65]
[5.31]
[3.7]
[0.16]
[4.15]
[0.35]
Point A
A
Terminal cover
M3
Mounting hole
2-M3
Voltage adjust
AC(N)
AC(L)
-V
+V
Tolerance : ±1 [±0.04]
¶ Weight : 350g max (without cover)
PCB Material/thickness : CEM3 / 1.6mm [0.06]
¶ Chassis material : Aluminum
Dimensions in mm, [
]= inches
Mounting torque : 0.49N • m(5kgf • cm)max
Screw tightening torque : M3 0.8N • m(8.5kgf • cm)max
Name plate
9
105.5
±0.5
(16.5)
4
94 ±0.5
135
(21.5)
(14)
(20)
(11)
PBA75F
LED
Pin No.
Contents
1
2
RC(+)
RC(-)
CN3 Option (Mfr : J.S.T.)
Connector type
Model B2B-XH-A
Mating Connector (Terminal)
XHP-2
BXH-001T-P0.6
or SXH-001T-P0.6
Barrier strip type
()
¶ External size of option T,J,R,N,N1 and V is different from standard model and refer to 7 Option of instruction manual for details.
CN3
Connector for Remote ON/OFF (option)
Cover (option)
FG
Please connect safety ground to the unit in 2-M3 holes.
1 2
2-M3
Mounting
hole
PBA/PBW
PBA/PBW-11
PBA75F
Block diagram
FG
DC OUT
AC IN 85 - 264V
RC
E
250V3.15A
INRUSH
CURRENT
LIMIT
RECTIFIER
AND
FILTER
CONTROL
TRANSFORMER
CONTROL
OVER VOLTAGE
PROTECTION
NOISE
FILTER
RECTIFIER
AND
FILTER
INVERTER
FUSE
RECTIFIER
CURRENT
SENSING
BOOSTER
INDUCTER
INVERTER
CONTROL
CURRENT
SENSING
EXTERNAL
SOURCE
OPTION
External view


Similar Part No. - PBA30F_14

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PBA30F-12 RSG-PBA30F-12 Datasheet
134Kb / 2P
   Unit type
PBA30F-15 RSG-PBA30F-15 Datasheet
134Kb / 2P
   Unit type
More results

Similar Description - PBA30F_14

ManufacturerPart #DatasheetDescription
logo
COSEL CO., LTD.
PLA15F COSEL-PLA15F Datasheet
1Mb / 14P
   AC-DC Power Supplies Enclosed Type
April 17, 2018
logo
RSG Electronic Componen...
PAA75F RSG-PAA75F_14 Datasheet
417Kb / 12P
   AC-DC Power Supplies Enclosed type
logo
List of Unclassifed Man...
R50A-15-N ETC2-R50A-15-N Datasheet
501Kb / 12P
   AC-DC Power Supplies Enclosed type
logo
COSEL CO., LTD.
PJA COSEL-PJA Datasheet
2Mb / 16P
   AC-DC Power Supplies Enclosed Type
June 25, 2020
logo
List of Unclassifed Man...
PBA150F-12-N ETC2-PBA150F-12-N Datasheet
903Kb / 14P
   AC-DC Power Supplies Enclosed type
logo
RSG Electronic Componen...
PBA10F RSG-PBA10F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
PBA150F RSG-PBA150F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
PBW30F RSG-PBW30F Datasheet
646Kb / 6P
   AC-DC Power Supplies Enclosed type
PBW50F RSG-PBW50F Datasheet
646Kb / 6P
   AC-DC Power Supplies Enclosed type
PBA15F RSG-PBA15F_14 Datasheet
949Kb / 14P
   AC-DC Power Supplies Enclosed type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com