Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6JU-2P-Y Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G6JU-2P-Y
Description  Ultra-compact and Slim DPDT Relay
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6JU-2P-Y Datasheet(HTML) 1 Page - Omron Electronics LLC

  G6JU-2P-Y Datasheet HTML 1Page - Omron Electronics LLC G6JU-2P-Y Datasheet HTML 2Page - Omron Electronics LLC G6JU-2P-Y Datasheet HTML 3Page - Omron Electronics LLC G6JU-2P-Y Datasheet HTML 4Page - Omron Electronics LLC G6JU-2P-Y Datasheet HTML 5Page - Omron Electronics LLC G6JU-2P-Y Datasheet HTML 6Page - Omron Electronics LLC G6JU-2P-Y Datasheet HTML 7Page - Omron Electronics LLC G6JU-2P-Y Datasheet HTML 8Page - Omron Electronics LLC G6JU-2P-Y Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
498
Surface-mounted Relay
G6J-Y
Surface-mounting Relay
G6J-Y
Ultra-compact and Slim DPDT Relay
• Dimensions of 5.7
× 10.6 × 9 mm (W × L × H) represent a re-
duction of approximately 56% in mounting area compared
with the OMRON G6S, for higher-density mounting.
• Dielectric strength of 1,500 VAC and an impulse withstand
voltage of 2,500 V for 2
× 10 µs (conforms to North American
Telcordia specifications (formerly Bellcore)).
• Conforms to FCC Part 68 (i.e., impulse withstand voltage of
1,500 V for 10
× 160 µs between coil and contacts and be-
tween contacts of the same polarity).
• Single-winding latching models to save energy.
• Conforms to UL60950 (File No. E41515)/CSA C22.2 No.
60950 (File No. LR31928).
• RoHS Compliant.
Ordering Information
Note: 1. When ordering, add the rated coil voltage to the model number.
Example: G6J-2P-Y DC12
2. When ordering tape packing, add “-TR” to the model number.
Example: G6J-2P-Y-TR DC12
Be sure since “-TR” is not part of the relay model number, it is not marked on the relay case.
Model Number Legend:
1.
Relay function
None: Non-latching, standard
U:
Single-coil latching relay
2.
Contact form
2:
DPDT
3.
Terminal shape
P:
PCB through-hole terminals
FL:
SMT Gull-wing
FS:
SMT shortened leads
4.
Packaging
None: Tube packaging
TR:
Tape and reel packaging
5.
Rated Coil Voltage
3, 4.5, 5, 12, 24
Application Examples
Communications equipment, measurement devices, computer peripheral devices, office automation equipment, and audio-visual products.
Item
Model
Terminal
Contact form
Non-latching
Single coil latching
PCB through-hole
DPDT
G6J-2P-Y
G6JU-2P-Y
SMT Gull-wing
G6J-2FL-Y
G6JU-2FL-Y
SMT Shortened leads
G6J-2FS-Y
G6JU-2FS-Y
Rated coil voltage
Tape packing
G6J@-@@-Y-@ DC@
1
2 3
4
5


Similar Part No. - G6JU-2P-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6JU-2P-Y OMRON-G6JU-2P-Y Datasheet
400Kb / 12P
   Surface-mounting Relay
G6JU-2P-Y OMRON-G6JU-2P-Y Datasheet
346Kb / 12P
   Surface-mounting Relay
G6JU-2P-Y OMRON-G6JU-2P-Y Datasheet
346Kb / 12P
   Surface-mounting Relay
G6JU-2P-Y OMRON-G6JU-2P-Y Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6JU-2P-Y OMRON-G6JU-2P-Y Datasheet
304Kb / 8P
   Ultra-compact and Slim DPDT Relay
More results

Similar Description - G6JU-2P-Y

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6J-2FS OMRON-G6J-2FS Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J2FSY OMRON-G6J2FSY Datasheet
346Kb / 12P
   Ultra-compact and Slim DPDT Relay
G6J-Y OMRON-G6J-Y_V01 Datasheet
304Kb / 8P
   Ultra-compact and Slim DPDT Relay
G6H-2-DC12 OMRON-G6H-2-DC12 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HU-2-DC5 OMRON-G6HU-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC5 OMRON-G6H-2-F-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6HK-2-DC5 OMRON-G6HK-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-F-DC24 OMRON-G6H-2-F-DC24 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H OMRON-G6H Datasheet
249Kb / 8P
   Ultra-compact, Ultra-sensitive DPDT Relay
G6H-2-DC5 OMRON-G6H-2-DC5 Datasheet
525Kb / 10P
   Ultra-compact, Ultra-sensitive DPDT Relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com