Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEA50F-30 Datasheet(PDF) 8 Page - RSG Electronic Components GmbH

Part # LEA50F-30
Description  AC-DC Power Supplies Open Frame/Enclosed type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

LEA50F-30 Datasheet(HTML) 8 Page - RSG Electronic Components GmbH

  LEA50F-30 Datasheet HTML 1Page - RSG Electronic Components GmbH LEA50F-30 Datasheet HTML 2Page - RSG Electronic Components GmbH LEA50F-30 Datasheet HTML 3Page - RSG Electronic Components GmbH LEA50F-30 Datasheet HTML 4Page - RSG Electronic Components GmbH LEA50F-30 Datasheet HTML 5Page - RSG Electronic Components GmbH LEA50F-30 Datasheet HTML 6Page - RSG Electronic Components GmbH LEA50F-30 Datasheet HTML 7Page - RSG Electronic Components GmbH LEA50F-30 Datasheet HTML 8Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
¡INPUT HARMONIC CURRENT (LEA150F-5)
¡EFFICIENCY (LEA150F-5)
¡INPUT HARMONIC CURRENT (LEA150F-5)
¡RISE TIME & FALL TIME (LEA150F-5)
DC Output
AC Input
Io=100%
50ms/DIV
ACIN 100V
80
82
78
76
74
100
60
140
180
220
260
300
100%
50%
Load factor
Load factor
INPUT VOLTAGE
V
Load factor
Input voltage AC
Harmonic current standard class A
(at odd number)
100%
100V
HARMONIC ORDER
HARMONIC ORDER
Load factor
Input voltage AC
Harmonic current standard class A
(at odd number)
100%
230V
HARMONIC ORDER
030
40
0.001
0.01
0.1
1
10
10
20
0
10
0.001
0.01
0.1
1
10
20
30
40
LEA
LEA-9
LEA150F
External view
¶Keep drawing current per pin below 5A for CN2, CN3
¶Weight: 500g or less
¶Tolerance: 1
¶Dimensions in mm.
¶PCB Material: Glass composite
¶Chassis and cover is optional.
¶Chassis and cover is not available
to remote ON/OFF unit.
¶Mounting torque: 1.5N · m(16kgf · cm)max
PIN CONNECTION
Pin No.
1
2
3
4
5
Input
AC(L)
AC(N)
FG
CN1
Pin No. Output
CN2
CN3
Optional
Pin No. Remote ON/OFF
CN4
1
2
RC(
+)
RC(
-)
1
~6
1
~7
+V
-V
(Without chassis and cover)
(CEM3)
Connector for Remote
ON/OFF (Optional)
Voltage adjust
(Optional)
Name plate
Mounting
Hole
Mounting Hole
29.5
8
252
8
4-
º3.5
2-
º4.5
º4.5
222
212+
-0.5
235+
-0.5
235+
-0.5
PCB t=1.6
CN3
CN2
CN1
C119
CN4
FG
AC(N)
AC(L)
Output(-)
Output(+)
RC(-)RC(+)
4-M4
CN1
CN3
CN2
Mounting Hole
2-M4
5
I / O Connector Mating Connector
Terminal
(Mfr: J.S.T.)
CN1
CN2
CN3
CN4
B3P5-VH
B6P-VH
B7P-VH
B2B-XH-A
VHR-5N
VHR-6N
VHR-7N
XHP-2
Chain : SVH-21T-P1.1
Loose: BVH-21T-P1.1
Chain : SVH-21T-P1.1
Loose: BVH-21T-P1.1
Chain : SVH-21T-P1.1
Loose: BVH-21T-P1.1
Chain : SXH-001T-P0.6
Loose: BXH-001T-P0.6
t
Performance data


Similar Part No. - LEA50F-30

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LEA50F-30 ETC2-LEA50F-30 Datasheet
156Kb / 3P
   Harmonic attenuator, PFC (Complies with IEC61000-3-2)
logo
RSG Electronic Componen...
LEA50F-30 RSG-LEA50F-30 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
More results

Similar Description - LEA50F-30

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
COSEL CO., LTD.
LDC15F COSEL-LDC15F Datasheet
774Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEB150F RSG-LEB150F_14 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA30F RSG-LFA30F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA100F RSG-LFA100F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
Coilcraft lnc.
LDC15F-2 COILCRAFT-LDC15F-2 Datasheet
810Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed type
logo
List of Unclassifed Man...
LEP240F-24 ETC2-LEP240F-24 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
RSG Electronic Componen...
LEP100F RSG-LEP100F_14 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA300F RSG-LFA300F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com