Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEB100F-0524 Datasheet(PDF) 1 Page - RSG Electronic Components GmbH

Part # LEB100F-0524
Description  AC-DC Power Supplies Open Frame/ Enclosed type
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RSG [RSG Electronic Components GmbH]
Direct Link  http://www.rsg-electronic.de
Logo RSG - RSG Electronic Components GmbH

LEB100F-0524 Datasheet(HTML) 1 Page - RSG Electronic Components GmbH

  LEB100F-0524 Datasheet HTML 1Page - RSG Electronic Components GmbH LEB100F-0524 Datasheet HTML 2Page - RSG Electronic Components GmbH LEB100F-0524 Datasheet HTML 3Page - RSG Electronic Components GmbH LEB100F-0524 Datasheet HTML 4Page - RSG Electronic Components GmbH LEB100F-0524 Datasheet HTML 5Page - RSG Electronic Components GmbH LEB100F-0524 Datasheet HTML 6Page - RSG Electronic Components GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL
LEB100F-0512
LEB100F-0324
LEB100F-0524
LEB100F-0530
LEB100F-0536
DC OUTPUT
V1
+5V 5A
+3.3V 5A
+5V 5A
+5V 5A
+5V 5A
V2
+12V 5(Peak 10)A
+24V 4(Peak 7)A
+24V 4(Peak 7)A
+30V 3.2(Peak 5.6)A
+36V 2.7(Peak 4.7)A
SPECIFICATIONS
MODEL
LEB100F-0512
LEB100F-0324
LEB100F-0524
LEB100F-0530
LEB100F-0536
INPUT
VOLTAGE[V]
AC85 - 264 1
f or DC 120 - 370
CURRENT[A]
ACIN 100V 1.2typ (Io=100%)
1.4typ (Io=100%)
ACIN 200V 0.6typ (Io=100%)
0.7typ (Io=100%)
FREQUENCY[Hz]
50/60 (47-63) or DC
EFFICIENCY[%]
ACIN 100V 74typ (Io=100%)
78typ (Io=100%)
78typ (Io=100%)
78typ (Io=100%)
78typ (Io=100%)
ACIN 200V 76typ (Io=100%)
80typ (Io=100%)
80typ (Io=100%)
80typ (Io=100%)
80typ (Io=100%)
POWER FACTOR
ACIN 100V 0.98typ
0.99typ
ACIN 200V 0.93typ
INRUSH CURRENT[A]
ACIN 100V 15typ (Io=100%)(At cold start)(Ta=25
C)
ACIN 200V 30typ (Io=100%)(At cold start)(Ta=25
C)
LEAKAGE CURRENT[mA]
0.75max (60Hz, According to IEC60950 and DEN-AN)
OUTPUT
VOLTAGE[V]
+5
+12
+3.3
+24
+5
+24
+5
+30
+5
+36
CURRENT[A]
*2 0-5
0-5 (Peak 10) 0-5
0-4 (Peak 7) 0-5
0-4 (Peak 7) 0-5
0 - 3.2 (Peak 5.6) 0-5
0 - 2.7 (Peak 4.7)
TOTAL OUTPUT WATTAGE[W]
*3 85 (Peak 145)
100 (Peak 172)
100 (Peak 172)
100 (Peak 172)
100 (Peak 172)
LINE REGULATION[mV]
20max
48max
20max
96max
20max
96max
20max
120max
20max
144max
LOAD REGULATION[mV]
40max
100max
40max
150max
40max
150max
40max
180max
40max
180max
RIPPLE[mVp-p]
0to+50
C*4 80max
120max
80max
120max
80max
120max
80max
200max
80max
200max
-10-0
C*4 140max
160max
140max
160max
140max
160max
140max
240max
140max
240max
RIPPLE NOISE[mVp-p]
0to+50
C*4 120max
150max
120max
150max
120max
150max
120max
300max
120max
300max
-10-0
C*4 160max
180max
160max
180max
160max
180max
160max
360max
160max
360max
TEMPERATURE REGULATION[mV]
0to+50
C 50max
120max
50max
240max
50max
240max
50max
300max
50max
300max
-10 to +50
C 60max
150max
60max
290max
60max
290max
60max
350max
60max
350max
DRIFT[mV]
*5 20max
48max
20max
96max
20max
96max
20max
120max
20max
144max
START-UP TIME[ms]
*6 250max
500max
250max
500max
250max
500max
250max
500max
250max
500max
HOLD-UP TIME[ms]
*6 40typ
20typ
40typ
20typ
40typ
20typ
40typ
20typ
40typ
20typ
OUTPUT VOLTAGE ADJUSTMENT RANGE[V]
4.5 - 5.5
Fixed
2.85 - 3.60
Fixed
4.5 - 5.5
Fixed
4.5 - 5.5
Fixed
4.5 - 5.5
Fixed
OUTPUT VOLTAGE SETTING[V]
xx
11.5 - 12.5
xx
23.0 - 25.0
xx
23.0 - 25.0
xx
28.7 - 31.5
xx
34.5 - 37.5
PROTECTION
CIRCUIT AND
OTHERS
OVERCURRENT PROTECTION
V1
Works over 105% of rating current and recovers automatically
V2
Works over 101% of peak current and recovers automatically
OVERVOLTAGE PROTECTION
V1
Works over 115% of rating, by zener diode clamping
V2
Works at 115 - 140% of rating
REMOTE ON/OFF
Option (Refer to Instruction Manual)
ISOLATION
INPUT-OUTPUT
-RC
*7 AC3,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
INPUT-FG
AC2,000V 1minute, Cutoff current = 10mA, DC500V 50M
W min (At Room Temperature)
OUTPUT
-RC-FG
*7 AC500V 1minute, Cutoff current = 100mA, DC500V 50M
W min (At Room Temperature)
OUTPUT-OUTPUT(V1
-RC-V2) *7 AC100V 1minute, Cutoff current = 100mA, DC100V 10MW min (At Room Temperature)
ENVIRONMENT
OPERATING TEMP.,HUMID.AND ALTITUDE
-10 to +70
C, 20 - 90%RH (Non condensing)(Refer to DERATING CURVE), 3,000m (10,000feet) max
STORAGE TEMP.,HUMID.AND ALTITUDE
-20 to +75
C, 20 - 90%RH (Non condensing), 9,000m (30,000feet) max
VIBRATION
10 - 55Hz, 19.6m/s2 (2G), 3minutes period, 60minutes each along X, Y and Z axis
IMPACT
196.1m/s2 (20G), 11ms, once each X, Y and Z axis
SAFETY AND
NOISE
REGULATIONS
AGENCY APPROVALS
UL60950-1, C-UL, EN60950-1, EN50178 Complies with DEN-AN and IEC60950-1 (At only AC input)
CONDUCTED NOISE
Complies with FCC-B, CISPR22-B, EN55022-B, VCCI-B
HARMONIC ATTENUATOR
Complies with IEC61000-3-2
OTHERS
CASE SIZE/WEIGHT
75
X35X222mm [2.95X1.38X8.74 inches] (WXHXD) /420g max (without chassis and cover)
COOLING METHOD
Convection
*9
*1 Specification is changed at option, refer to Instruction Manual 5.
*2 Peak loading for 10sec. And Duty 35% max, refer to Instruction Manual 4. In detail.
*3 Refer to Instruction Manual 2.2 in detail.
*4 This is the value that measured on measuring board with capacitor of 22mF within 150mm
from output terminal.Measured by 20MHz oscilloscope or Ripple-Noise meter (Equivalent to
KEISOKU-GIKEN: RM101).
*5 Drift is the change in DC output for an eight hour period after a half-hour warm-up at 25C,
with the input voltage held constant at the rated input/output.
*6 ACIN 100V,lo=100%
*7 Applicable when remote control (optional) is added.
*8 Please contact us about safety approvals for the model with option.
*9 Please contact us about class C.
* Series/Parallel operation is not possible.
* Derating is required when operated with chassis and cover.
* A sound may occur from power supply at peak loading.
LEB100F
AC-DC Power Supplies Open Frame/ Enclosed type
LEB 100
F
-05
24
-
O
Ordering information
1Series name
2Output wattage
3Universal input
4V1 Output voltage
5V2 Output voltage
6Optional *1 *8
G :Low leakage current
R :with Remote ON/OFF
S :with Chassis
SN :with Chassis & cover
T :Vertical terminal block
Y :with Potentiometer
Z :with ZT
R
123456
LEB
LEB-2
Recommended EMI/EMC Filter
NAC-06-472
High voltage pulse noise type : NAP series
Low leakage current type : NAM series
*The EMI/EMC Filter is recommended
*to connect with several devices.


Similar Part No. - LEB100F-0524

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LEB100F-0524 RSG-LEB100F-0524 Datasheet
114Kb / 2P
   Rugged PCB type
LEB100F-0524 RSG-LEB100F-0524 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LEB100F-0524 RSG-LEB100F-0524 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LEB100F-0524-G RSG-LEB100F-0524-G Datasheet
114Kb / 2P
   Rugged PCB type
LEB100F-0524-R RSG-LEB100F-0524-R Datasheet
114Kb / 2P
   Rugged PCB type
More results

Similar Description - LEB100F-0524

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LFA10F RSG-LFA10F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
COSEL CO., LTD.
LDC15F COSEL-LDC15F Datasheet
774Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed Type
March 13, 2019
logo
RSG Electronic Componen...
LEA150F RSG-LEA150F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEB150F RSG-LEB150F_14 Datasheet
611Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA30F RSG-LFA30F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA100F RSG-LFA100F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
Coilcraft lnc.
LDC15F-2 COILCRAFT-LDC15F-2 Datasheet
810Kb / 6P
   AC-DC Power Supplies Open Frame/Enclosed type
logo
List of Unclassifed Man...
LEP240F-24 ETC2-LEP240F-24 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
logo
RSG Electronic Componen...
LEA100F RSG-LEA100F_14 Datasheet
403Kb / 8P
   AC-DC Power Supplies Open Frame/Enclosed type
LEP100F RSG-LEP100F_14 Datasheet
612Kb / 6P
   AC-DC Power Supplies Open Frame/ Enclosed type
LFA300F RSG-LFA300F Datasheet
589Kb / 18P
   AC-DC Power Supplies Open Frame/ Enclosed type
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com