Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECHU1C392 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ECHU1C392
Description  Plastic Film Capacitors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECHU1C392 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ECHU1C392 Datasheet HTML 2Page - Panasonic Semiconductor ECHU1C392 Datasheet HTML 3Page - Panasonic Semiconductor ECHU1C392 Datasheet HTML 4Page - Panasonic Semiconductor ECHU1C392 Datasheet HTML 5Page - Panasonic Semiconductor ECHU1C392 Datasheet HTML 6Page - Panasonic Semiconductor ECHU1C392 Datasheet HTML 7Page - Panasonic Semiconductor ECHU1C392 Datasheet HTML 8Page - Panasonic Semiconductor ECHU1C392 Datasheet HTML 9Page - Panasonic Semiconductor ECHU1C392 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
1
10
100
10
100
1000
From 100pF to 2700pF
0.0
0.2
0.4
0.6
0.8
1.0
1.2
10
100
1000
3300pF
3900pF
4700pF
5600pF
6800pF
8200pF
0.01uF
0.012uF
0.015uF
0.018uF
0.022uF
0.027uF
0.033uF
0.039uF
0.00
0.02
0.04
0.06
0.08
0.10
0.12
10
100
1000
2700pF
2200pF
1800pF
1500pF
1200pF
1000pF
820pF
680pF
560pF
∼100pF
0.0
0.5
1.0
1.5
2.0
10
100
0.047uF
0.056uF
0.068uF
0.082uF
0.1uF
0.12uF
0.15uF
0.18uF
0.22uF
(Stacked Metallized Film)
Permissible Current
Permissible Current
Applicable Specifications
Frequency(kHz)
Frequency(kHz)
ECHU (X) Type
DC50V series
*Please consult Panasonic if your condition exceeds the above
*The current(0-P) vlue is calculated using nominal capacitance.
*Permissible voltage graph is the case of sine waveform. When you use this product, peak voltage must not exceed DC rated voltage.
Permissible Voltage
Permissible Current
(at sine wave)
Frequency(kHz)
Frequency(kHz)


Similar Part No. - ECHU1C392

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECHU1C392 PANASONIC-ECHU1C392 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C392 PANASONIC-ECHU1C392 Datasheet
395Kb / 10P
   Plastic Film Capacitors
ECHU1C392 PANASONIC-ECHU1C392 Datasheet
125Kb / 4P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C392 PANASONIC-ECHU1C392 Datasheet
395Kb / 10P
   Stacked Metallized PPS Film Chip Capacitor
ECHU1C392 PANASONIC-ECHU1C392 Datasheet
107Kb / 3P
   Stacked Metallized PPS Film Chip Capacitor
More results

Similar Description - ECHU1C392

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECW-H16472JV PANASONIC-ECW-H16472JV Datasheet
214Kb / 14P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com