Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWH10243 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWH10243
Description  Plastic Film Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH10243 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWH10243 Datasheet HTML 1Page - Panasonic Semiconductor ECWH10243 Datasheet HTML 2Page - Panasonic Semiconductor ECWH10243 Datasheet HTML 3Page - Panasonic Semiconductor ECWH10243 Datasheet HTML 4Page - Panasonic Semiconductor ECWH10243 Datasheet HTML 5Page - Panasonic Semiconductor ECWH10243 Datasheet HTML 6Page - Panasonic Semiconductor ECWH10243 Datasheet HTML 7Page - Panasonic Semiconductor ECWH10243 Datasheet HTML 8Page - Panasonic Semiconductor ECWH10243 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC62−
Plastic Film Capacitors
■Dimensions in mm (not to scale)
Cut lead
C
■Taping Specifications for Automatic Insertion
Taping style
❈See the column “Rating, Dimensions & Quantity Box” for packing quantity.
■Packaging Specifications for Bulk Package
Packing quantity : 100 pcs./bag
●Lead Spacing
Style
E
Lead Spacing
7.5 mm
❈Refer to the page of taping specifications.
●Packaging Specifications
Type
Rated volt.
Cap. range
(µF)
Taping style
AD AS
B
C
D
E
Packing
suffix
ECWH(V)
1000 VDC
1250 VDC
1600 VDC
2000 VDC
0.0075 to 0.10
0.0036 to 0.051
0.0013 to 0.020
0.0010 to 0.015
Ammo
Ammo
Ammo
Ammo
R() V
R() V
R() V
R() V
p Œ ¯ ¶
‚ /P53-76
12.11.14 20:52
y [ W
62


Similar Part No. - ECWH10243

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH10243 PANASONIC-ECWH10243 Datasheet
214Kb / 14P
   Designed for high frequency and pluse applications.
ECWH10243 PANASONIC-ECWH10243 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10243 PANASONIC-ECWH10243 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10243HVB PANASONIC-ECWH10243HVB Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10243HVB PANASONIC-ECWH10243HVB Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWH10243

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com