Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECWH10153 Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ECWH10153
Description  Plastic Film Capacitors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWH10153 Datasheet(HTML) 8 Page - Panasonic Semiconductor

Back Button ECWH10153 Datasheet HTML 4Page - Panasonic Semiconductor ECWH10153 Datasheet HTML 5Page - Panasonic Semiconductor ECWH10153 Datasheet HTML 6Page - Panasonic Semiconductor ECWH10153 Datasheet HTML 7Page - Panasonic Semiconductor ECWH10153 Datasheet HTML 8Page - Panasonic Semiconductor ECWH10153 Datasheet HTML 9Page - Panasonic Semiconductor ECWH10153 Datasheet HTML 10Page - Panasonic Semiconductor ECWH10153 Datasheet HTML 11Page - Panasonic Semiconductor ECWH10153 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Rating
Voltage
Capacitance
Value(uF)
Code
dV/dt(V/us)
Current(o-p)
(A)
0.0100
103
60.0
0.0150
153
90.0
0.0220
223
132.0
0.0330
333
198.0
0.0470
473
282.0
0.0680
683
408.0
0.1000
104
600.0
1000VDC
Pulse Handling Capability (dV/dt)
(Max 10000cycles)
Permissible Current
Voltage Derating by Temperature
6000
0
200
400
600
800
1000
1200
-40
-20
0
20
40
60
80
100
120
0.1
1
10
10
100
1000
* Please consult Panasonic if your condition exceeds the above spec.
ECWH(V) Type 1000VDC Series (Metallized Polypropylene Film)
Applicable Specifications
Frequency (kHz)
Surface Temperature of Capacitor(Degree C)
From 0.0075uF to 0.1uF
0.01uF
0.015uF
0.022uF
0.033uF
0.047uF
0.068uF
0.1uF


Similar Part No. - ECWH10153

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECWH10153 PANASONIC-ECWH10153 Datasheet
214Kb / 14P
   Designed for high frequency and pluse applications.
ECWH10153 PANASONIC-ECWH10153 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10153 PANASONIC-ECWH10153 Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10153HVC PANASONIC-ECWH10153HVC Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECWH10153JVC PANASONIC-ECWH10153JVC Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
More results

Similar Description - ECWH10153

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EZPE45666MTB PANASONIC-EZPE45666MTB Datasheet
56Kb / 2P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474_16 Datasheet
57Kb / 1P
   Plastic Film Capacitors
EZTVKCTYP1HA PANASONIC-EZTVKCTYP1HA Datasheet
79Kb / 3P
   Plastic Film Capacitors
logo
Nichicon corporation
QXP2E473KRP NICHICON-QXP2E473KRP Datasheet
33Kb / 1P
   PLASTIC FILM CAPACITORS
logo
Panasonic Semiconductor
ECQB1H101KF PANASONIC-ECQB1H101KF Datasheet
133Kb / 6P
   Plastic Film Capacitors
ECQE2474 PANASONIC-ECQE2474 Datasheet
78Kb / 1P
   Plastic Film Capacitors
ECQE2W104MHR PANASONIC-ECQE2W104MHR Datasheet
86Kb / 2P
   Plastic Film Capacitors
ECQ-V1104JM3 PANASONIC-ECQ-V1104JM3 Datasheet
223Kb / 9P
   Plastic Film Capacitors
ECQP1H471MZ PANASONIC-ECQP1H471MZ Datasheet
102Kb / 6P
   Plastic Film Capacitors
ECW-U4683V17 PANASONIC-ECW-U4683V17 Datasheet
373Kb / 8P
   Plastic Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com