Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

14317 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 14317
Description  Protects Front of Outlet Connector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

14317 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  14317 Datasheet HTML 1Page - List of Unclassifed Manufacturers 14317 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.elektron-bulgin.com
96
IEC CONNECTORS
Accessories
Specification
P.No. 14228
P.No. 14277
P.No. 14340
P.No. 14317
Blanking cover for
Blanking cover for
Insulation boot for
Insulation boot for
PX0578,
PX0591,
PS20,
PF0030,
PX0675,
PX0592,
PS21,
PF0033
PX0695,
PS25,
(except /PC versions)
PX0783,
PS26
PX0793,
PX0716,
PX0717,
PX0718
Operating Temp. Range:
–40˚C to +70˚C
–40˚C to +70˚C
–20˚C to +60˚C
–20˚C to +60˚C
Max. Working Voltage:
250V a.c.
250V a.c.
250V a.c.
250V a.c.
Flash Tested:
2kV a.c.
2kV a.c.
2kV a.c.
2kV a.c.
Material:
Nylon
Nylon
P.V.C.
P.V.C.
Flammability Rating:
UL94V-0
UL94V-0
UL94V-0
UL94V-0
Compliant
Compliant
Compliant
Compliant
PNo 14340
PNo 14317
PNo 14228
PVC Insulation Boots
Protects Rear of Connector
Protects Against Accidental Electric
Shock
PNo 14277
BLANKING COVER
INSULATION BOOT
BLANKING COVER
INSULATION BOOT
Blanking covers
Protects Front of Outlet Connector
Protects Against Accidental Electric
Shock
Conns2 - In-Outlets 2010:Conns2 - In/Outlets 2005v2
8/6/10
16:45
Page 96


Similar Part No. - 14317

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
1431 APITECH-1431 Datasheet
512Kb / 1P
   Rugged injection molded connector
logo
List of Unclassifed Man...
1431-1 ETC2-1431-1 Datasheet
493Kb / 1P
   Space saving design for high density packaging
logo
API Technologies Corp
1431-1 APITECH-1431-1 Datasheet
512Kb / 1P
   Rugged injection molded connector
logo
Hammond Manufacturing L...
1431-10 HAMMOND-1431-10 Datasheet
103Kb / 1P
   Steel Chassis (1441 & 1431 Series)
1431-10BK3 HAMMOND-1431-10BK3 Datasheet
103Kb / 1P
   Steel Chassis (1441 & 1431 Series)
More results

Similar Description - 14317

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
6610 SCHURTER-6610 Datasheet
456Kb / 6P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, IDC Terminal
6610 SCHURTER-6610_V01 Datasheet
501Kb / 7P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, IDC Terminal
6610 SCHURTER-6610_V02 Datasheet
501Kb / 7P
   IEC Appliance Outlet F, Snap-in Mounting, Front Side, IDC Terminal
05.01.2022
4710 SCHURTER-4710 Datasheet
422Kb / 5P
   IEC Appliance Outlet J, Snap-in Mounting, Front Side, IDC Terminal
5083 SCHURTER-5083 Datasheet
309Kb / 2P
   IEC Appliance Outlet D, Snap-in Mounting, Front Side, Solder Terminal
4787_1809 SCHURTER-4787_1809 Datasheet
324Kb / 4P
   IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder Terminal
4787 SCHURTER-4787_V01 Datasheet
322Kb / 4P
   IEC Appliance Outlet F, Screw-on Mounting, Front Side, Solder Terminal
05.01.2022
5084 SCHURTER-5084_V02 Datasheet
195Kb / 3P
   IEC Appliance Outlet D, Screw-on Mounting, Front Side, Solder Terminal
05.01.2022
logo
Bourns Electronic Solut...
CDNBS08-T58CC BOURNS-CDNBS08-T58CC Datasheet
340Kb / 4P
   Protects four lines
logo
Schurter Inc.
5084 SCHURTER-5084 Datasheet
322Kb / 2P
   IEC Appliance Outlet D, Screw-on Mounting, Front Side, Solder Terminal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com