Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP2G04FZ4-7 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # 74AUP2G04FZ4-7
Description  DUAL INVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G04FZ4-7 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button 74AUP2G04FZ4-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP2G04FZ4-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G04FZ4-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G04FZ4-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G04FZ4-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G04FZ4-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G04FZ4-7 Datasheet HTML 9Page - Diodes Incorporated 74AUP2G04FZ4-7 Datasheet HTML 10Page - Diodes Incorporated 74AUP2G04FZ4-7 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
74AUP2G04
Document number: DS35509 Rev. 4 - 2
7 of 12
www.diodes.com
May 2014
© Diodes Incorporated
74AUP2G04
Parameter Measurement Information
VCC
Inputs
VM
CL
VI
tr/tf
0.8V
VCC
≤3 ns
VCC/2
5, 10, 15, 30pF
1.2V ± 0.1V
VCC
≤3 ns
VCC/2
5, 10, 15, 30pF
1.5V ± 0.1V
VCC
≤3 ns
VCC/2
5, 10, 15, 30pF
1.8V ± 0.15V
VCC
≤3 ns
VCC/2
5, 10, 15, 30pF
2.5V ± 0.2V
VCC
≤3 ns
VCC/2
5, 10, 15, 30pF
3.3V ± 0.3V
VCC
≤3 ns
VCC/2
5, 10, 15, 30pF
Voltage Waveform Pulse Duration
Voltage Waveform Propagation Delay Times
Inverting and Non Inverting Outputs
Figure 1 Load Circuit and Voltage Waveforms
Notes:
A. Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 10MHz.
C. Inputs are measured separately one transition per measurement.
D. tPLH and tPHL are the same as tPD.


Similar Part No. - 74AUP2G04FZ4-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G04 PHILIPS-74AUP2G04 Datasheet
67Kb / 18P
   Low-power dual inverter
Rev. 01.-16 January 2006
74AUP2G04 NXP-74AUP2G04 Datasheet
91Kb / 16P
   Low-power dual inverter
Rev. 02-7 July 2009
logo
Nexperia B.V. All right...
74AUP2G04 NEXPERIA-74AUP2G04 Datasheet
264Kb / 18P
   Low-power dual inverter
Rev. 8 - 31 January 2022
74AUP2G04-Q100 NEXPERIA-74AUP2G04-Q100 Datasheet
737Kb / 14P
   Low-power dual inverter
logo
NXP Semiconductors
74AUP2G04GF PHILIPS-74AUP2G04GF Datasheet
67Kb / 18P
   Low-power dual inverter
Rev. 01.-16 January 2006
More results

Similar Description - 74AUP2G04FZ4-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74HCU7204 TI1-SN74HCU7204 Datasheet
164Kb / 9P
[Old version datasheet]   DUAL INVERTERS
logo
Diodes Incorporated
74AUP2G14 DIODES-74AUP2G14 Datasheet
427Kb / 12P
   DUAL SCHMITT TRIGGER INVERTERS
74AUP2G06 DIODES-74AUP2G06 Datasheet
440Kb / 12P
   DUAL INVERTERS WITH OPEN DRAIN OUTPUTS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
logo
Toshiba Semiconductor
TC7W04F TOSHIBA-TC7W04F Datasheet
212Kb / 7P
   2 INVERTERS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com