Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP2G14FW4-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 74AUP2G14FW4-7
Description  DUAL SCHMITT TRIGGER INVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G14FW4-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  74AUP2G14FW4-7 Datasheet HTML 1Page - Diodes Incorporated 74AUP2G14FW4-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP2G14FW4-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP2G14FW4-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G14FW4-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G14FW4-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G14FW4-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G14FW4-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G14FW4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
74AUP2G14
Document number: DS35512 Rev. 4 - 2
3 of 12
www.diodes.com
May 2014
© Diodes Incorporated
74AUP2G14
Absolute Maximum Ratings (Notes 6, 7) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
kV
ESD CDM
Charged Device Model ESD Protection
1
kV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +4.6
V
VI
Input Voltage Range
-0.5 to +4.6
V
Vo
Voltage Applied to Output in High or Low State
-0.5 to VCC +0.5
V
IIK
Input Clamp Current VI < 0
-50
mA
IOK
Output Clamp Current (VO < 0 )
-50
mA
IO
Continuous Output Current (VO = 0 to VCC)
±20
mA
ICC
Continuous Current Through VCC
50
mA
IGND
Continuous Current Through GND
-50
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
Notes:
6. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device
operation should be within recommend values.
7. Forcing the maximum allowed voltage could cause a condition exceeding the maximum current or conversely forcing the maximum current could
cause a condition exceeding the maximum voltage. The ratings of both current and voltage must be maintained within the controlled range..
Recommended Operating Conditions (Note 8) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VCC
Operating Voltage
0.8
3.6
V
VI
Input Voltage
0
3.6
V
VO
Output Voltage
0
VCC
V
IOH
High-Level
Output Current
VCC = 0.8V
-20
µA
VCC = 1.1V
-1.1
mA
VCC = 1.4
-1.7
VCC = 1.65V
-1.9
VCC = 2.3V
-3.1
VCC = 3.0
-4
IOL
Low-Level
Output Current
VCC = 0.8
20
µA
VCC = 1.1V
1.1
mA
VCC = 1.4V
1.7
VCC = 1.65V
1.9
VCC = 2.3V
3.1
VCC = 3.0V
4
TA
Operating Free-Air Temperature
-40
+125
°C
Note:
8. Unused inputs should be held at VCC or Ground.


Similar Part No. - 74AUP2G14FW4-7

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G14 NXP-74AUP2G14 Datasheet
106Kb / 18P
   Low-power dual Schmitt trigger inverter
Rev. 02-3 July 2009
logo
Nexperia B.V. All right...
74AUP2G14 NEXPERIA-74AUP2G14 Datasheet
291Kb / 20P
   Low-power dual Schmitt trigger inverter
Rev. 8 - 31 January 2022
logo
NXP Semiconductors
74AUP2G14GF NXP-74AUP2G14GF Datasheet
106Kb / 18P
   Low-power dual Schmitt trigger inverter
Rev. 02-3 July 2009
74AUP2G14GM NXP-74AUP2G14GM Datasheet
106Kb / 18P
   Low-power dual Schmitt trigger inverter
Rev. 02-3 July 2009
logo
Nexperia B.V. All right...
74AUP2G14GM NEXPERIA-74AUP2G14GM Datasheet
291Kb / 20P
   Low-power dual Schmitt trigger inverter
Rev. 8 - 31 January 2022
More results

Similar Description - 74AUP2G14FW4-7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV14A TI-SN54LV14A Datasheet
647Kb / 16P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74LVC14 HITACHI-HD74LVC14 Datasheet
36Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Renesas Technology Corp
HD74LVC14 RENESAS-HD74LVC14 Datasheet
193Kb / 6P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54HC14 TI-SN54HC14 Datasheet
77Kb / 15P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74AHC14 UTC-U74AHC14_15 Datasheet
182Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
logo
Hitachi Semiconductor
HD74HC14FH HITACHI-HD74HC14FH Datasheet
44Kb / 8P
   Hex Schmitt-trigger Inverters
logo
Texas Instruments
SN54LV14 TI-SN54LV14 Datasheet
117Kb / 6P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_08 Datasheet
686Kb / 19P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
SN54HCT14 TI-SN54HCT14_07 Datasheet
562Kb / 20P
[Old version datasheet]   HEX SCHMITT-TRIGGER INVERTERS
logo
Unisonic Technologies
U74LVC14A UTC-U74LVC14A Datasheet
170Kb / 5P
   HEX SCHMITT-TRIGGER INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com