Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR20A300CTFP Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SBR20A300CTFP
Description  SUPER BARRIER RECTIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SBR20A300CTFP Datasheet(HTML) 4 Page - Diodes Incorporated

  SBR20A300CTFP Datasheet HTML 1Page - Diodes Incorporated SBR20A300CTFP Datasheet HTML 2Page - Diodes Incorporated SBR20A300CTFP Datasheet HTML 3Page - Diodes Incorporated SBR20A300CTFP Datasheet HTML 4Page - Diodes Incorporated SBR20A300CTFP Datasheet HTML 5Page - Diodes Incorporated SBR20A300CTFP Datasheet HTML 6Page - Diodes Incorporated SBR20A300CTFP Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SBR is a registered trademark of Diodes Incorporated.
SBR20A300
Document number: DS30993 Rev. 8 - 2
4 of 6
www.diodes.com
January 2014
© Diodes Incorporated
SBR20A300CT
SBR20A300CTB
SBR20A300CTFP
A
A1
D1
A2
c
e
b
b1
L
L1
D
Q
E
Ø
P
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
ITO-220AB
Dim
Min
Typ
Max
A
4.50
4.70
4.90
A1
3.04
3.24
3.44
A2
2.56
2.76
2.96
b
0.50
0.60
0.75
b1
1.10
1.20
1.35
c
0.50
0.60
0.70
D
15.67 15.87 16.07
D1
8.99
9.19
9.39
e
2.54
E
9.91 10.11 10.31
L
9.45
9.75 10.05
L1
15.80 16.00 16.20
P
2.98
3.18
3.38
Q
3.10
3.30
3.50
All Dimensions in mm
ITO220AB
Alternate
Dim
Min
Max
A
4.36
4.77
A1
2.54
3.10
A2
2.54
2.80
b
0.55
0.75
b1
1.20
1.50
c
0.38
0.68
D
14.50
15.50
D1
8.38
8.89
e
2.41
2.67
E
9.72
10.27
L
9.87
10.67
L1
15.8
17.00
P
3.08
3.39
Q
2.60
3.00
All Dimensions in mm
SECTION B-B
Ø P
E
5 °
5 °
Q
D1
D
ØP
b1 3x
L
e
L1
B
A
A1
A2
c
e
B
b 3x


Similar Part No. - SBR20A300CTFP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A300CTFP DIODES-SBR20A300CTFP Datasheet
180Kb / 3P
   20A SBR Super Barrier Rectifier
SBR20A300 Rev. 2
SBR20A300CTFP DIODES-SBR20A300CTFP Datasheet
169Kb / 3P
   20A SBR짰 SUPER BARRIER RECTIFIER
DS30993 Rev. 4 - 2
SBR20A300CTFP DIODES-SBR20A300CTFP Datasheet
394Kb / 6P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A300CTFP-G DIODES-SBR20A300CTFP-G Datasheet
394Kb / 6P
   SUPER BARRIER RECTIFIER 20A SBR짰
SBR20A300CTFP-JT-G DIODES-SBR20A300CTFP-JT-G Datasheet
394Kb / 6P
   SUPER BARRIER RECTIFIER 20A SBR짰
More results

Similar Description - SBR20A300CTFP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SBR20A150CT DIODES-SBR20A150CT_08 Datasheet
166Kb / 3P
   SUPER BARRIER RECTIFIER
DS30967 Rev. 3 - 2
logo
List of Unclassifed Man...
SBR20A40CTF ETC1-SBR20A40CTF Datasheet
61Kb / 2P
   SUPER BARRIER RECTIFIER
logo
Diodes Incorporated
SBR1045CTL DIODES-SBR1045CTL Datasheet
79Kb / 4P
   SUPER BARRIER RECTIFIER
logo
List of Unclassifed Man...
SBR20150CT ETC-SBR20150CT Datasheet
136Kb / 3P
   SUPER BARRIER RECTIFIER
SBR40U60PT ETC1-SBR40U60PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR40U100PT ETC1-SBR40U100PT Datasheet
80Kb / 2P
   Super barrier rectifier
SBR60A60CT ETC-SBR60A60CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR60A100CT ETC-SBR60A100CT Datasheet
78Kb / 2P
   Super barrier rectifier
SBR60A150CT ETC-SBR60A150CT Datasheet
77Kb / 2P
   Super barrier rectifier
SBR10150CT ETC1-SBR10150CT Datasheet
88Kb / 3P
   Super barrier rectifier
SBR2040CT ETC2-SBR2040CT Datasheet
93Kb / 3P
   Super Barrier Rectifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com