Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP2G17 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # 74AUP2G17
Description  DUAL SCHMITT TRIGGER BUFFERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP2G17 Datasheet(HTML) 1 Page - Diodes Incorporated

  74AUP2G17 Datasheet HTML 1Page - Diodes Incorporated 74AUP2G17 Datasheet HTML 2Page - Diodes Incorporated 74AUP2G17 Datasheet HTML 3Page - Diodes Incorporated 74AUP2G17 Datasheet HTML 4Page - Diodes Incorporated 74AUP2G17 Datasheet HTML 5Page - Diodes Incorporated 74AUP2G17 Datasheet HTML 6Page - Diodes Incorporated 74AUP2G17 Datasheet HTML 7Page - Diodes Incorporated 74AUP2G17 Datasheet HTML 8Page - Diodes Incorporated 74AUP2G17 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
74AUP2G17
Document number: DS35513 Rev. 4 - 2
1 of 12
www.diodes.com
May 2014
© Diodes Incorporated
74AUP2G17
DUAL SCHMITT TRIGGER BUFFERS
Description
The Advanced Ultra Low Power (AUP) CMOS logic family is designed
for low power and extended battery life in portable applications.
The 74AUP2G17 is composed of two Schmitt trigger buffers with
standard push-pull outputs designed for operation over a power
supply range of 0.8V to 3.6V. The device is fully specified for partial
power down applications using IOFF. The IOFF circuitry disables the
output preventing damaging current backflow when the device is
powered down. The gates perform the positive Boolean function:
Y = A
Features
Advanced Ultra Low Power (AUP) CMOS
Supply Voltage Range from 0.8V to 3.6V
± 4mA Output Drive at 3.0V
Low Static Power Consumption
ICC < 0.9µA
Low Dynamic Power Consumption
CPD = 4pF Typical at 3.6V
Schmitt Trigger Action at All Inputs Make the Circuit Tolerant for
Slower Input Rise and Fall Time.
IOFF Supports Partial-Power-Down Mode Operation
ESD Protection per JESD 22
Exceeds 200-V Machine Model (A115)
Exceeds 2000-V Human Body Model (A114)
Exceeds 1000-V Charged Device Model (C101)
Latch-Up Exceeds 100mA per JESD 78, Class I
Leadless Packages per JESD30E
DFN1410 denoted as X2-DFN1410-6
DFN1010 denoted as X2-DFN1010-6
DFN0910 denoted as X2-DFN0910-6
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Pin Assignments
Applications
Suited for battery and low power needs
Wide array of products such as:
PCs, networking, notebooks, netbooks, PDAs
Tablet Computers, E-readers
Computer peripherals, hard drives, CD/DVD ROM
TV, DVD, DVR, set top box
Cell Phones, Personal Navigation / GPS
MP3 players ,Cameras, Video Recorders
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


Similar Part No. - 74AUP2G17

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP2G17 NXP-74AUP2G17 Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
74AUP2G17 NXP-74AUP2G17 Datasheet
104Kb / 18P
   Low-power dual Schmitt trigger
Rev. 03-6 July 2009
logo
Nexperia B.V. All right...
74AUP2G17 NEXPERIA-74AUP2G17 Datasheet
266Kb / 17P
   Low-power dual Schmitt trigger
Rev. 9 - 31 January 2022
logo
NXP Semiconductors
74AUP2G17GF NXP-74AUP2G17GF Datasheet
93Kb / 18P
   Low-power dual Schmitt trigger
Rev. 02-10 January 2008
74AUP2G17GF NXP-74AUP2G17GF Datasheet
104Kb / 18P
   Low-power dual Schmitt trigger
Rev. 03-6 July 2009
More results

Similar Description - 74AUP2G17

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC2G17 RENESAS-RD74LVC2G17 Datasheet
2Mb / 8P
   Dual Schmitt-trigger Buffers
logo
Unisonic Technologies
U74AHC17 UTC-U74AHC17 Datasheet
156Kb / 5P
   HEX SCHMITT-TRIGGER BUFFERS
logo
Renesas Technology Corp
HD74ALVC2G14 RENESAS-HD74ALVC2G14 Datasheet
89Kb / 10P
   Triple Schmitt-trigger Inverter Buffers
HD74ALVC2G14 RENESAS-HD74ALVC2G14_15 Datasheet
113Kb / 12P
   Triple Schmitt-trigger Inverter Buffers
logo
Motorola, Inc
MC14583B MOTOROLA-MC14583B Datasheet
227Kb / 8P
   Dual Schmitt Trigger
logo
List of Unclassifed Man...
SN54LS310 ETC1-SN54LS310 Datasheet
618Kb / 8P
   8-BIT BUFFERS WITH SCHMITT TRIGGER INPUTS
logo
Texas Instruments
SN74LVC2G14-Q1 TI-SN74LVC2G14-Q1 Datasheet
130Kb / 7P
[Old version datasheet]   DUAL SCHMITT-TRIGGER INVERTER
logo
ON Semiconductor
NLV27WZ14DFT2G ONSEMI-NLV27WZ14DFT2G Datasheet
129Kb / 6P
   Dual Schmitt-Trigger Inverter
March, 2013 ??Rev. 13
logo
Diodes Incorporated
74LVC2G17 DIODES-74LVC2G17 Datasheet
242Kb / 10P
   DUAL SCHMITT TRIGGER BUFFER
logo
ON Semiconductor
NLU2G14 ONSEMI-NLU2G14 Datasheet
138Kb / 8P
   Dual Schmitt-Trigger Inverter
July, 2008 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com