Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74HCU04S14-13 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # 74HCU04S14-13
Description  UNBUFFERED HEX INVERTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCU04S14-13 Datasheet(HTML) 6 Page - Diodes Incorporated

  74HCU04S14-13 Datasheet HTML 1Page - Diodes Incorporated 74HCU04S14-13 Datasheet HTML 2Page - Diodes Incorporated 74HCU04S14-13 Datasheet HTML 3Page - Diodes Incorporated 74HCU04S14-13 Datasheet HTML 4Page - Diodes Incorporated 74HCU04S14-13 Datasheet HTML 5Page - Diodes Incorporated 74HCU04S14-13 Datasheet HTML 6Page - Diodes Incorporated 74HCU04S14-13 Datasheet HTML 7Page - Diodes Incorporated 74HCU04S14-13 Datasheet HTML 8Page - Diodes Incorporated 74HCU04S14-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
74HCU04
Document number: DS35328 Rev. 3 - 2
6 of 9
www.diodes.com
January 2013
© Diodes Incorporated
74HCU04
Ordering Information
Device
Package Code
Packaging
(Note 7)
7” Tape and Reel
Quantity
Part Number Suffix
74HCU04S14-13
S14
SO-14
2500/Tape & Reel
-13
74HCU04T14-13
T14
TSSOP-14
2500/Tape & Reel
-13
Marking Information
(1) SO-14, TSSOP-14
Part Number
Package
74HCU04S14
SO-14
74HCU04T14
TSSOP-14


Similar Part No. - 74HCU04S14-13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCU04 PHILIPS-74HCU04 Datasheet
64Kb / 7P
   Hex inverter
September 1993
logo
ON Semiconductor
74HCU04 ONSEMI-74HCU04 Datasheet
133Kb / 9P
   Hex Unbuffered Inverter
March, 2007 ??Rev. 0
logo
Nexperia B.V. All right...
74HCU04 NEXPERIA-74HCU04 Datasheet
258Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 May 2021
74HCU04-Q100 NEXPERIA-74HCU04-Q100 Datasheet
823Kb / 16P
   Hex unbuffered inverter
74HCU04BQ NEXPERIA-74HCU04BQ Datasheet
258Kb / 14P
   Hex unbuffered inverter
Rev. 9 - 31 May 2021
More results

Similar Description - 74HCU04S14-13

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HCU04A INTEGRAL-IN74HCU04A Datasheet
200Kb / 6P
   Hex Unbuffered Inverters
logo
Diodes Incorporated
74AHCU04 DIODES-74AHCU04 Datasheet
239Kb / 8P
   UNBUFFERED HEX INVERTERS
logo
System Logic Semiconduc...
SL74HCU04 SLS-SL74HCU04 Datasheet
31Kb / 4P
   Hex Unbuffered Inverters(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCU04A KODENSHI-KK74HCU04A Datasheet
214Kb / 6P
   Hex Unbuffered Inverters High-Performance Silicon-Gate CMOS
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com