Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109472 Datasheet(PDF) 1 Page - ERNI Electronics

Part # 109472
Description  MiniMez Vertical Female SMT with Bracket&Pegs 12,6mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERNI [ERNI Electronics]
Direct Link  http://www.erni.com
Logo ERNI - ERNI Electronics

109472 Datasheet(HTML) 1 Page - ERNI Electronics

  109472 Datasheet HTML 1Page - ERNI Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
330
Verpackt in Gurtverpackung
Tape on Reel Packaging
Verpackungseinheit: 250 Stück
Packaging unit: 250pcs
Abspulrichtung -
Reel off Direction
no of positions Mass A
14,43
14,43
Id-Nr.
Mass B Mass C Mass D Mass E Mass F
13,66
44
109469
109460
109451
109442
109433
109424
10
10,71
5,08
8,08
8,08
7,31
24
Tape & reel packaging is always with assembly cap.
Bei Gurtverpackung ist Ansaughaube immer montiert.
tube&cap
10 mating-
cycles
Id-Nr.
tube
100 mating-
cycles
Id-Nr.
tube
10 mating-
cycles
Polzahl
109453
109444
109435
109426
30
23,41
17,78
20,78
20,78
20,01
44
109470
109461
109452
109443
109434
109425
20
17,06
11,43
Interpret dimensions according to ANSI Y15.5M-1994
Masse und Toleranzen in Übereinstimmung mit ANSI Y15.5M-1994 /
109477
109468
109459
109450
109441
109432
100
67,86
62,23
65,23
65,23
64,46
88
109476
109467
109458
109449
109440
109431
80
55,16
49,53
52,53
52,53
51,76
72
109475
109466
109457
109448
109439
109430
70
48,81
43,18
46,18
46,18
45,41
72
109474
109465
109456
109447
109438
109429
60
42,46
36,83
39,83
39,83
39,06
72
109473
109464
109455
109446
109437
109428
50
36,11
30,48
33,48
33,48
32,71
56
109472
109463
109454
109445
109436
109427
40
29,76
24,13
27,13
27,13
26,36
56
109471
109462
Id-Nr.
tape&reel
100 mating-
cycles
Id-Nr.
tape&reel
10 mating-
cycles
Id-Nr.
tube&cap
100 mating-
cycles
100
8
80
11
70
12
60
14
50
17
40
20
30
26
20
35
10
58
Polzahl
No. of positions Stück / pieces
A3
prior notice.
contact one of the ERNI companies
Date
Index
MINIMEZ
with Bracket&Pegs 12,6mm
MiniMez Vertical Female SMT
109423
5:1
Information:
Tolerances
Scale
All Dimensions
I
www.ERNI.com
Designation
Class
in mm
before using.
Drawing will not be updated.
Subject to modification without
All rights reserved.
Only for Information.
To ensure that this is the latest
version of this drawing, please
D ±0,15
±0,15
C
a1
b1
±0,15
B
±0,15
A
1,27
b1
a1
Layout
M 2 : 1
2
0,76
1,27
1,12
±0,1
B
E ±0,1
D ±0,1
M 2 : 1
Verpackung Stange / Stange & Ansaughaube
packaging tube / tube&cap
0,85 ±0,05
3
1,5
4,85 ±0,3


Similar Part No. - 109472

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
109474 IVO-109474 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
109475 IVO-109475 Datasheet
799Kb / 20P
   Accessories photoelectric sensors
logo
ERNI Electronics
109478 ERNI-109478 Datasheet
28Kb / 1P
   MiniMez Vertical Female DIP w/o pegs 4,6mm
109479 ERNI-109479 Datasheet
28Kb / 1P
   MiniMez Vertical Female DIP w/o pegs 4,6mm
More results

Similar Description - 109472

ManufacturerPart #DatasheetDescription
logo
ERNI Electronics
109368 ERNI-109368 Datasheet
45Kb / 1P
   MiniMez Vertical Female SMT with pegs 4,6mm
109515 ERNI-109515 Datasheet
35Kb / 1P
   MiniMez Vertical Female DIP without clips 12,6mm
109478 ERNI-109478 Datasheet
28Kb / 1P
   MiniMez Vertical Female DIP w/o pegs 4,6mm
109000 ERNI-109000 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109055 ERNI-109055 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109110 ERNI-109110 Datasheet
38Kb / 1P
   MiniMez Vertical Male SMT
109165 ERNI-109165 Datasheet
44Kb / 1P
   MiniMez Vertical Male SMT
109331 ERNI-109331 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP without pegs 7,4mm
109294 ERNI-109294 Datasheet
27Kb / 1P
   MiniMez Vertical Male DIP without pegs 5,4mm
109635 ERNI-109635 Datasheet
37Kb / 1P
   MiniMez Male SMT Non-BM with Peg for female IDC
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com